Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2263MP Datasheet(PDF) 4 Page - Advanced Monolithic Systems Ltd

Part # AMS2263MP
Description  Extended Burst Mode Control For Improved
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS2263MP Datasheet(HTML) 4 Page - Advanced Monolithic Systems Ltd

  AMS2263MP Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TERMINAL ASSIGNMENTS
Pin Name
I/O
Description
GND
P
Ground
FB
I
Feedback input pin. The PWM duty cycle is determined by voltage level into this pin
and SENSE pin input.
RI
I
Internal Oscillator frequency setting pin. A resistor connected between RI and GND
sets the PWM frequency.
SENSE
I
Current sense input pin. Connected to MOSFET current sensing resistor node.
VDD
P
Chip DC power supply pin.
GATE
O
Totem-pole gate drive output for the power MOSFET.
RECOMMENDED OPERATING CONDITION
Symbol
Parameter
Min - Max
Unit
VDD
VDD Supply Voltage
10 to 30
V
RI
RI Resistor Value
100
Kohm
TA
Operating Ambient Temperature
-20 to 85
oC
ELECTRICAL CHARACTERISTICS
(TA = 25OC if not otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply Voltage (VDD)
I_VDD_Startup
VDD Start up
Current
VDD =12.5V, RI=100K
Measure Leakage
current into VDD
3
20
uA
I_VDD_Ops
Operation Current
VDD=16V,
RI=100Kohm, VFB=3V
1.4
mA
UVLO(ON)
VDD Under Voltage Lockout Enter
7.5
8.5
9.5
V
UVLO(OFF)
VDD Under Voltage Lockout Exit
(Recovery)
13.5 14.5
15.5 V
VDD_Clamp
VDD Zener Clamp Voltage
IVDD = 5 mA
34
V
Feedback Input Section(FB Pin)
AVCS
PWM Input Gain
Δ
VFB /ΔVcs
2.0
V/V
VFB_Open
VFB Open Loop Voltage
4.8
V
IFB_Short
FB pin short circuit current
Short FB pin to GND
and measure current
1
mA
AMS 2263
4
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS2263MP

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS222 ADMOS-AMS222 Datasheet
676Kb / 7P
   COMPLIMENTARY OUTPUT OSCILLATOR/CLOCK GENERATOR
AMS222AM1 ADMOS-AMS222AM1 Datasheet
676Kb / 7P
   COMPLIMENTARY OUTPUT OSCILLATOR/CLOCK GENERATOR
logo
Bourns Electronic Solut...
AMS22B BOURNS-AMS22B Datasheet
279Kb / 3P
   AMS22B Non-Contacting Analog Rotary Position Sensor
AMS22B BOURNS-AMS22B Datasheet
270Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BHAFL101N BOURNS-AMS22B5A1BHAFL101N Datasheet
270Kb / 2P
   Non-Contacting Analog Rotary Position Sensor
More results

Similar Description - AMS2263MP

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2269 HOTCHIP-HT2269 Datasheet
1Mb / 13P
   Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
HT2273 HOTCHIP-HT2273 Datasheet
1Mb / 10P
   Burst Mode Control
logo
Skyworks Solutions Inc.
SKY77597 SKYWORKS-SKY77597_11 Datasheet
99Kb / 2P
   Power control circuitry built-in for improved TRP variation
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
logo
Linear Technology
LTC3859A LINER-LTC3859A_15 Datasheet
548Kb / 44P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
logo
Texas Instruments
UC1856-SP TI1-UC1856-SP Datasheet
563Kb / 24P
[Old version datasheet]   Improved Current-Mode PWM Controller
logo
STMicroelectronics
AN863 STMICROELECTRONICS-AN863 Datasheet
204Kb / 22P
   Improved sensorless control with the ST62 MCU for universal motor
logo
Texas Instruments
UC1856J TI-UC1856J Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
logo
Nanjing Qinheng Microel...
CH315 WCH-CH315 Datasheet
130Kb / 5P
   USB Extended line control chip
logo
Texas Instruments
UC3856N TI1-UC3856N Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com