Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2303A Datasheet(PDF) 3 Page - Advanced Monolithic Systems Ltd

Part # AMS2303A
Description  Exceptional on-resistance and maximum DC current capability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS2303A Datasheet(HTML) 3 Page - Advanced Monolithic Systems Ltd

  AMS2303A Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS2303A Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS2303A Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS2303A Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS2303A Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS2303A Datasheet HTML 6Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS
( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-10uA
-30
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
-1.0
-3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=-30V,VGS=0V
-1
uA
VDS=-30V,VGS=0V
TJ=55℃
-10
Drain-source On-Resistance
RDS(on)
VGS=-10V,ID=-3.0A
VGS=-4.5V,ID=-2.0A
0.070
0.080
Ω
Forward Transconductance
gfs
VDS=-10V,ID=-1.7V
2.4
S
Diode Forward Voltage
VSD
IS=-1.25A,VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
VDS=-15V
VGS=-10V
ID≡-1.7A
5.8
10
nC
Gate-Source Charge
Qgs
0.8
Gate-Drain Charge
Qgd
1.5
Input Capacitance
Ciss
VDS=-15V
VGS=0V
F=1MHz
226
pF
Output Capacitance
Coss
87
Reverse Transfer
Capacitance
Crss
19
Turn-On Time
td(on)
tr
VDD=-15V
RL=15Ω
ID=-1.0A
VGEN=-10V
RG=6Ω
9
20
nS
9
20
Turn-Off Time
td(off)
tf
18
35
6
20
AMS2303A
Advanced Monolithic Systems http://www.ams-semitech.com
3


Similar Part No. - AMS2303A

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2300 AMS-AMS2300 Datasheet
539Kb / 7P
   transistor
AMS2301 AMS-AMS2301 Datasheet
503Kb / 7P
    Super high density cell design for
AMS2301A AMS-AMS2301A Datasheet
316Kb / 6P
   Super high density cell design for extremely low
AMS2302 AMS-AMS2302 Datasheet
320Kb / 6P
   Exceptional on-resistance and maximum DC current capability
AMS2304 AMS-AMS2304 Datasheet
683Kb / 6P
   Super high density cell design for extremely low RDS(ON)
More results

Similar Description - AMS2303A

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2302 AMS-AMS2302 Datasheet
320Kb / 6P
   Exceptional on-resistance and maximum DC current capability
logo
Guilin Strong Micro-Ele...
GM4947 GSME-GM4947 Datasheet
288Kb / 3P
   Low on-resistance and maximum DC current capability
logo
Coilcraft lnc.
SER1360 COILCRAFT-SER1360_12 Datasheet
203Kb / 2P
   provides exceptionally high current carrying capability and very low DC resistance
logo
XFMRS Inc.
XFHCL20XX-R30M XFMRS-XFHCL20XX-R30M Datasheet
287Kb / 2P
   SMT POWER INDUCTORS Low DC Resistance, High DC Current Capability
logo
Analog Devices
ADG1409YRUZ AD-ADG1409YRUZ Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
ADG602BRTZ-REEL AD-ADG602BRTZ-REEL Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
logo
STMicroelectronics
TYN1012 STMICROELECTRONICS-TYN1012 Datasheet
71Kb / 5P
   HIGH SURGE CAPABILITY HIGH ON-STATE CURRENT HIGH STABILITY AND RELIABILITY
logo
XFMRS Inc.
XFTPRH74D-XXXX XFMRS-XFTPRH74D-XXXX Datasheet
84Kb / 1P
   HIGH INDUCTANCE, HIGH DC CURRENT CAPABILITY
logo
E&E Magnetic Products L...
824-00178F EEMAGNETIC-824-00178F Datasheet
145Kb / 2P
   350mA balanced DC line current capability
logo
Advanced Power Electron...
AP6800GEO A-POWER-AP6800GEO Datasheet
110Kb / 4P
   Low on-resistance, Optimal DC/DC battery application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com