Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1085T-1.5 Datasheet(PDF) 7 Page - Advanced Monolithic Systems Ltd

Part # AMS1085T-1.5
Description  3A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1085T-1.5 Datasheet(HTML) 7 Page - Advanced Monolithic Systems Ltd

Back Button AMS1085T-1.5 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1085T-1.5 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1085T-1.5 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1085T-1.5 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1085T-1.5 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1085T-1.5 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1085T-1.5 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS1085T-1.5 Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS1085T-1.5 Datasheet HTML 11Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Note: The above circuit and parameters are reference only, please set the parameters of the real application
circuit based on the real test.
Figure 2. Typical Adjustable Output Voltage
TYPICAL APPLICATION CIRCUIT
Figure 1. Typical Fixed Output Voltage
AMS1085
AMS1085-ADJ
Vin
Vin
Vin
R2
Vout
Vout
GND
ADJ
R1
10uF
10uF
22uF
22uF
Vout=Vref X (1+R2/R1) + Iadj X R2
Vout
Vout
Vin
AMS1085
7
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS1085T-1.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085 ADMOS-AMS1085 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD-1.5 ADMOS-AMS1085CD-1.5 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1085T-1.5

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
ELM1085DG-33-S ELM-TECH-ELM1085DG-33-S Datasheet
88Kb / 5P
   Bipolar 3A LDO Voltage regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com