Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM119 Datasheet(PDF) 4 Page - Linear Technology

Part # LM119
Description  Guaranteed Maximum 0.5mV Input Offset Voltage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM119 Datasheet(HTML) 4 Page - Linear Technology

  LM119 Datasheet HTML 1Page - Linear Technology LM119 Datasheet HTML 2Page - Linear Technology LM119 Datasheet HTML 3Page - Linear Technology LM119 Datasheet HTML 4Page - Linear Technology LM119 Datasheet HTML 5Page - Linear Technology LM119 Datasheet HTML 6Page - Linear Technology LM119 Datasheet HTML 7Page - Linear Technology LM119 Datasheet HTML 8Page - Linear Technology LM119 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT119A/LT319A
LM119/LM319
4
119a319afc
TYPICAL PERFORMANCE CHARACTERISTICS
Transfer Function
Input Characteristics
Input Currents
Response Time for Various
Input Overdrives
Response Time for Various
Input Overdrives
Response Time for Various
Input Overdrives
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: For supply voltages less than ±15V, the maximum input voltage is
equal to the supply voltage.
Note 3: Unless otherwise noted, supply voltage equals ±15V and
VCM = 0V, TA = 25°C. The ground pin is grounded. Note that the maximum
voltage allowed between the ground pin and V+ is 18V. Do not tie the
ground pin to Vwhen the power supply voltage exceeds ±9V. The offset
voltage, offset current and bias current specifications apply for all supply
voltages between ±15V and 5V unless otherwise specified.
Note 4: The offset voltages and currents given are the maximum values
required to drive the output within 1V of either supply with a 1mA load,
thus these parameters define an error band and take into account the
worst case effects of voltage gain and input impedance.
Note 5: Response time specified is for a 100mV input step with 5mV
overdrive.
Note 6: Inputs are protected with back-to-back 5.6V zener diodes. This
limits maximum differential input voltage to ±5V if current is unlimited.
Larger differential input drive is allowed if input current is limited to ±5mA
with external resistance.
DIFFERENTIAL INPUT VOLTAGE (mV)
–1.0
30
40
0.6
LT119/319 G1
20
10
0
–0.6
–0.2
0.2
1.0
25
35
15
5.0
6
8
4
2
0
5
7
3
1
V++ = 36V
V++ = 5V
VS = ±15V
RL = 1.4k
TA = 25°C
DIFFERENTIAL INPUT VOLTAGE (V)
–10
200
300
400
6
LT119/319 G2
100
0
–100
–6
–2
2
10
VS = ±15V
TA = 25°C
MAXIMUM
DIFFERENTIAL
INPUT VOLTAGE
TEMPERATURE (°C)
–55
0
50
150
200
250
–15
25 45
125
LT119/319 G3
100
–35
5
65 85 105
VS = ±15V
BIAS
OFFSET
TIME (ns)
–100
–50
0
1
2
4
50
150 200
LT119/319 G4
0
5
6
3
0
100
250 300 350
2mV
20mV
5mV
VS = ±15V
RL = 500
V++ = 5V
TA = 25°C
TIME (ns)
0
50
0
1
2
4
50
150 200
LT119/319 G5
100
5
6
3
0
100
250 300 350
20mV
2mV
5mV
VS = 5V
RL = 500
V++ = 5V
TA = 25°C
TIME (ns)
–100
–50
0
1
2
4
50
150 200
LT119/319 G6
0
5
6
3
0
100
250 300 350
20mV
2mV
5mV
VS = 5V
RL = 500
V++ = 5V
TA = 25°C


Similar Part No. - LM119

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Linear Technology
LM119 LINER-LM119 Datasheet
240Kb / 8P
   Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119 Datasheet
589Kb / 12P
   High speed dual comparators
More results

Similar Description - LM119

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
   130 V Maximum Offset Voltage
REV. A
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
   150 V Maximum Offset Voltage Op Amp
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Analog Devices
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
   150 關V Maximum Offset Voltage Op Amp
OP07D AD-OP07D Datasheet
339Kb / 16P
   150 關V Maximum Offset Voltage Op Amp
REV. 0
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8677 AD-AD8677 Datasheet
290Kb / 16P
   130 uV Maximum Offset Voltage Op Amp in TSOT
REV. 0
logo
Rohm
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Maxim Integrated Produc...
MAX77757HEVKIT360 MAXIM-MAX77757HEVKIT360 Datasheet
795Kb / 9P
   13.7V Maximum Input Operating Voltage
319-100689; Rev 1; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com