Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1227 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1227
Description  100MHz Current Feedback
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1227 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1227 Datasheet HTML 4Page - Linear Technology LT1227 Datasheet HTML 5Page - Linear Technology LT1227 Datasheet HTML 6Page - Linear Technology LT1227 Datasheet HTML 7Page - Linear Technology LT1227 Datasheet HTML 8Page - Linear Technology LT1227 Datasheet HTML 9Page - Linear Technology LT1227 Datasheet HTML 10Page - Linear Technology LT1227 Datasheet HTML 11Page - Linear Technology LT1227 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LT1228
8
1228fd
TYPICAL PERFORMANCE CHARACTERISTICS
SIMPLIFIED SCHEMATIC
Current Feedback Amplifier, Pins 1, 6, 8
Setting Time to 10mV
vs Output Step
Setting Time to 1mV
vs Output Step
Supply Current vs Supply Voltage
SETTLING TIME (ns)
60
LT1228 • TPC28
20
0
40
80
100
–10
10
0
–8
–6
–4
–2
2
4
6
8
NONINVERTING
INVERTING
VS = ±15V
RF = RG = 1k
INVERTING
NONINVERTING
SETTLING TIME (µs)
12
LT1228 • TPC29
4
0
8
16
20
–10
10
0
–8
–6
–4
–2
2
4
6
8
NONINVERTING
INVERTING
VS = ±15V
RF = RG = 1k
NONINVERTING
INVERTING
SUPPLY VOLTAGE (±V)
12
LT1228 • TPC30
4
0
8
16
0
10
5
1
2
3
4
6
7
8
9
2
6
10
14
18
–55°C
25°C
125°C
175°C
LT1228 • TA03
IOUT
GAIN
VOUT
V+
V
–IN
+IN
ISET
BIAS
1
2
3
5
6
4
7
8


Similar Part No. - LT1227

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227C LINER-LT1227C Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227CN8 LINER-LT1227CN8 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
More results

Similar Description - LT1227

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com