Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1970A Datasheet(PDF) 6 Page - Linear Technology

Part # LT1970A
Description  500mA Power Op Amp with Adjustable Precision Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1970A Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1970A Datasheet HTML 2Page - Linear Technology LT1970A Datasheet HTML 3Page - Linear Technology LT1970A Datasheet HTML 4Page - Linear Technology LT1970A Datasheet HTML 5Page - Linear Technology LT1970A Datasheet HTML 6Page - Linear Technology LT1970A Datasheet HTML 7Page - Linear Technology LT1970A Datasheet HTML 8Page - Linear Technology LT1970A Datasheet HTML 9Page - Linear Technology LT1970A Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT1970A
6
1970afa
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Response, AV = 1
Small-Signal Response, AV = – 1
Output Overdriven
% Overshoot vs CLOAD
Undistorted Output Swing
vs Frequency
Full Range Current Sense
Transfer Curve
Slew Rate vs Temperature
Large-Signal Response, AV = 1
Large-Signal Response, AV = – 1
TEMPERATURE (°C)
–50
–25
0
1.0
2.5
0
50
75
1970A G13
0.5
2.0
1.5
25
100
125
VS = ±15V
FALLING
RISING
20μs/DIV
1970A G14
0V
10V
–10V
RL = 1k
20μs/DIV
RL = 1k
CL = 1000pF
1970A G15
0V
10V
–10V
500ns/DIV
1970A G16
RL = 1k
2μs/DIV
1970A G17
RL = 1k
CL = 1000pF
200μs/DIV
1970A G18
VOUT
5V/DIV
0V
0V
VIN
5V/DIV
VS = ±5V
AV = 1
CLOAD (pF)
10
0
40
50
60
100
1k
10k
1970A G19
30
20
10
VS = ±15V
AV = 1
AV = –1
FREQUENCY (Hz)
100
0
20
25
30
1k
10k
100k
1970A G20
15
10
5
VS = ±15V
AV = –5
1% THD
VCSNK = VCSRC (V)
0
100
300
500
4
1970A G21
–100
–300
0
200
400
–200
–400
–500
1
2
3
5
SOURCING
CURRENT
SINKING
CURRENT


Similar Part No. - LT1970A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
More results

Similar Description - LT1970A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970 LINER-LT1970 Datasheet
233Kb / 12P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_1 Datasheet
548Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_15 Datasheet
273Kb / 26P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313 Datasheet
667Kb / 14P
   Adjustable Current Limit (500mA to 6A)
Rev 0; 6/17
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com