Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1965 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1965
Description  1.5A, Low Noise, Negative Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1965 Datasheet HTML 2Page - Linear Technology LT1965 Datasheet HTML 3Page - Linear Technology LT1965 Datasheet HTML 4Page - Linear Technology LT1965 Datasheet HTML 5Page - Linear Technology LT1965 Datasheet HTML 6Page - Linear Technology LT1965 Datasheet HTML 7Page - Linear Technology LT1965 Datasheet HTML 8Page - Linear Technology LT1965 Datasheet HTML 9Page - Linear Technology LT1965 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3015
6
3015f
TYPICAL PERFORMANCE CHARACTERISTICS
LT3015 GND Pin Current
GND Pin Current vs ILOAD
Positive SHDN Pin Thresholds
Negative SHDN Pin Thresholds
SHDN Pin Input Current
SHDN Pin Input Current
LT3015 Quiescent Current
LT3015 Quiescent Current
LT3015 GND Pin Current
TA = 25°C, unless otherwise noted.
INPUT VOLTAGE (V)
0
0
–1.0
–0.8
–0.6
–0.4
–0.2
–1.2
–6 –7 –8 –9 –10
–3
–2
–1
–4
3015 G10
–5
VSHDN = VIN
TJ = 25°C
VOUT = –1.22V
RL = 121kΩ
VSHDN = 0V
INPUT VOLTAGE (V)
0
0
–1.0
–0.8
–0.6
–0.4
–0.2
–1.2
–6 –7 –8 –9 –10
–3
–2
–1
–4
3015 G10
–5
VSHDN = VIN
TJ = 25°C
VOUT = –5V
RL = 499kΩ
VSHDN = 0V
INPUT VOLTAGE (V)
0
0
–20
–15
–10
–5
–25
–6 –7 –8 –9 –10
–3
–2
–1
–4
3015 G12
–5
RL = 1.2kΩ
IL = –1mA*
RL = 2.4Ω
IL = –0.5A*
RL = 0.81Ω
IL = –1.5A*
RL = 12Ω
IL = –0.1A*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = –1.22V
INPUT VOLTAGE (V)
0
0
35
30
25
20
15
5
10
40
–6 –7 –8 –9 –10
–3
–2
–1
–4
3015 G13
–5
RL = 5kΩ
IL = –1mA*
RL = 10Ω
IL = –0.5A*
RL = 3.3Ω
IL = –1.5A*
RL = 50Ω
IL = –0.1A*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = –5V
TJ = –55°C
TJ = –40°C
TJ = 25°C
TJ = 125°C
OUTPUT CURRENT (A)
0.0
0
–30
–25
–20
–15
–10
–5
–35
–0.8 –1.0 –1.2 –1.4 –1.6
–0.2 –0.4
3015 G14
–0.6
VIN = –2.3V
VOUT = –1.22V
TEMPERATURE (°C)
–75
0.0
1.2
1.0
0.8
0.6
0.2
0.4
1.4
75 100 125 150 175
0
–25
–50
25
3015 G15
50
VIN = –2.3V
TURN ON THRESHOLD
TURN OFF THRESHOLD
TEMPERATURE (°C)
–75
0
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
–1.4
75 100 125 150 175
0
–25
–50
25
3015 G16
50
TURN OFF THRESHOLD
TURN ON THRESHOLD
VIN = –2.3V
SHDN PIN VOLTAGE (V)
–30
–10
20
15
10
5
0
–5
25
5
10152025
–15
–20
–25
–10 –5
3015 G17
0
–55°C
25°C
125°C
VIN = –30V
POSITIVE CURRENT FLOWS
INTO THE PIN
TEMPERATURE (°C)
–75
–6
15
18
21
12
9
3
6
0
–3
24
75 100 125 150 175
–25
–50
0
25
3015 G18
50
VIN = –15V
POSITIVE CURRENT FLOWS
INTO THE PIN
VSHDN = –15V
VSHDN = 15V


Similar Part No. - LT1965

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1965 LINER-LT1965 Datasheet
558Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT1965 LINER-LT1965 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT1965 LINER-LT1965 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
LT1965 LINER-LT1965 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results

Similar Description - LT1965

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3091EDE LINER-LT3091EDE Datasheet
536Kb / 8P
   ??6V, 1.5A Negative Linear Regulator
logo
Anaren Microwave
MSK5173 ANAREN-MSK5173 Datasheet
808Kb / 8P
   1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
MSK5973RH ANAREN-MSK5973RH Datasheet
447Kb / 8P
   RAD HARD 1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
logo
Linear Technology
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
   1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com