Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5575 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5575
Description  Dual 14-Bit 250Msps
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5575 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5575 Datasheet HTML 3Page - Linear Technology LT5575 Datasheet HTML 4Page - Linear Technology LT5575 Datasheet HTML 5Page - Linear Technology LT5575 Datasheet HTML 6Page - Linear Technology LT5575 Datasheet HTML 7Page - Linear Technology LT5575 Datasheet HTML 8Page - Linear Technology LT5575 Datasheet HTML 9Page - Linear Technology LT5575 Datasheet HTML 10Page - Linear Technology LT5575 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
21576514fa
LTC2157-14/
LTC2156-14/LTC2155-14
LTC2157-14: SNR vs Input Frequency,
–1dBFS, 250Msps
LTC2157-14: SFDR vs Input
Frequency, –1dBFS, 250Msps
LTC2157-14: SNR vs Input Level,
fIN = 70MHz, 250Msps
LTC2157-14: SFDR vs Input Level,
fIN = 70MHz, 250Msps
LTC2157-14: IVDD vs Sample
Rate, 15MHz Sine Wave Input,
–1dBFS
LTC2157-14: Shorted Input
Histogram
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2157-14: Frequency Response
LTC2157-14: IOVDD vs Sample
Rate, 15MHz Sine Wave Input,
–1dBFS
OUTPUT CODE
8198
0
1000
2000
3000
8200 8202 8204 8206
8210
8208
8212
4000
500
1500
2500
3500
8214
21576514 G09
INPUT FREQUENCY (MHz)
0
60
65
70
700
55
50
200
400
100
900
300
500
800
600
1000
45
40
75
21576514 G10
INPUT FREQUENCY (MHz)
0
50
70
90
700
30
20
200
400
100
900
300
500
800
600
1000
10
0
40
60
80
21576514 G11
AMPLITUDE (dBFS)
0
10
30
40
50
70
–50
–30
–20
20
60
–60
–40
–10
0
21576514 G12
dBc
dBFS
AMPLITUDE (dBFS)
0
20
60
80
100
–50
–30 –20
40
120
–70 –60
–80
–40
–10
0
21576514 G13
dBc
dBFS
SAMPLE RATE (Msps)
0
200
220
240
260
280
300
50
100
150
200
250
21576514 G14
SAMPLE RATE (Msps)
0
30
40
50
60
70
80
50
100
150
200
250
21576514 G15
LVDS CURRENT
3.5mA
LVDS CURRENT
1.75mA
1000
100
INPUT FREQUENCY (MHz)
–4.0
–1.5
–1.0
–0.5
–5.0
–2.5
–4.5
–2.0
–5.5
–6.0
–3.0
–3.5
21576514 G16


Similar Part No. - LT5575

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575 Datasheet
311Kb / 16P
   LT5575
LT5575 LINER-LT5575 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
LT5575 LINER-LT5575 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LT5575EUF LINER-LT5575EUF Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
More results

Similar Description - LT5575

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2155-14 LINER-LTC2155-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-14 LINER-LTC2156-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Linear Technology
LTC2157-14 LINER-LTC2157-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Linear Technology
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2123 LINER-LTC2123_15 Datasheet
879Kb / 50P
   Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
LTC2152-14 LINER-LTC2152-14 Datasheet
4Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
logo
Intersil Corporation
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com