Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5517 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5517
Description  16-Bit, 20Msps ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5517 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5517 Datasheet HTML 4Page - Linear Technology LT5517 Datasheet HTML 5Page - Linear Technology LT5517 Datasheet HTML 6Page - Linear Technology LT5517 Datasheet HTML 7Page - Linear Technology LT5517 Datasheet HTML 8Page - Linear Technology LT5517 Datasheet HTML 9Page - Linear Technology LT5517 Datasheet HTML 10Page - Linear Technology LT5517 Datasheet HTML 11Page - Linear Technology LT5517 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2201
8
2201f
SFDR vs Input Level, fIN = 12.7MHz,
PGA = 0, Dither “On”
SFDR vs Input Level, fIN = 30.1MHz,
PGA = 0, Dither “Off”
SFDR vs Input Level, fIN = 30.1MHz,
PGA = 0, Dither “On”
INPUT LEVEL (dBFS)
–70
80
100
120
2201 G07
60
40
–60
–50
–40
–30
–20
–10
0
20
0
140
INPUT LEVEL (dBFS)
–80
80
100
120
2201 G08
60
40
–70 –60 –50 –40 –30 –20 –10
0
20
0
140
INPUT LEVEL (dBFS)
–70
80
100
120
2201 G09
60
40
–60
–50
–40
–30
–20
–10
0
20
0
140
TYPICAL PERFORMANCE CHARACTERISTICS
SFDR vs Input Level, fIN = 70.1MHz,
PGA = 0, Dither “Off”
SFDR vs Input Level, fIN = 70.1MHz,
PGA = 0, Dither “On”
SFDR (HD2 or HD3)
vs Input Frequency
SNR vs Input Frequency
INPUT LEVEL (dBFS)
–70
–60
–50
–40
–30
–20
–10
0
80
100
120
2201 G10
60
40
20
0
140
INPUT LEVEL (dBFS)
–70
80
100
120
2201 G11
60
40
–60
–50
–40
–30
–20
–10
0
20
0
140
INPUT FREQUENCY (MHz)
0
85
90
95
60
100
2201 G12
80
75
70
20
40
80
100
105
110
PGA = 1
PGA = 0
INPUT FREQUENCY (MHz)
0
73
74
76
77
78
80
82
2201 G13
75
40
20
100
120
60
140
79
80
81
PGA = 0
PGA = 1
SNR and SFDR vs Supply Voltage
(VDD), fIN = 5MHz
SUPPLY VOLTAGE (V)
2.8
95
100
105
3.4
3.5
2201 G14
90
85
2.9
3.0
3.1
3.2
3.3
3.6
80
75
110
SFDR
LOWER LIMIT
UPPER LIMIT
SNR
IVDD vs Sample Rate,
5MHz Sine Wave, –1dBFS
SAMPLE RATE (Msps)
0
62
65
68
16
2201 G15
59
56
53
4
8
12
20


Similar Part No. - LT5517

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5517 LINER-LT5517 Datasheet
208Kb / 12P
   40MHz to 900MHz Quadrature Demodulator
LT5517 LINER-LT5517 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5517 LINER-LT5517 Datasheet
644Kb / 34P
   Dual 14-Bit 250Msps
LT5517 LINER-LT5517 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
LT5517 LINER-LT5517 Datasheet
220Kb / 12P
   40MHz to 900MHz Quadrature Demodulator
More results

Similar Description - LT5517

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
logo
Maxim Integrated Produc...
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com