Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6202 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6202
Description  18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6202 Datasheet(HTML) 5 Page - Linear Technology

  LT6202 Datasheet HTML 1Page - Linear Technology LT6202 Datasheet HTML 2Page - Linear Technology LT6202 Datasheet HTML 3Page - Linear Technology LT6202 Datasheet HTML 4Page - Linear Technology LT6202 Datasheet HTML 5Page - Linear Technology LT6202 Datasheet HTML 6Page - Linear Technology LT6202 Datasheet HTML 7Page - Linear Technology LT6202 Datasheet HTML 8Page - Linear Technology LT6202 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2369-18
5
236918fa
ADC TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSCKL
SCK Low Time
l
4ns
tSSDISCK
SDI Setup Time From SCK↑
(Note 11)
l
4ns
tHSDISCK
SDI Hold Time From SCK↑
(Note 11)
l
1ns
tSCKCH
SCK Period in Chain Mode
tSCKCH = tSSDISCK + tDSDO (Note 11)
l
13.5
ns
tDSDO
SDO Data Valid Delay from SCK↑
CL = 20pF (Note 11)
l
9.5
ns
tHSDO
SDO Data Remains Valid Delay from SCK↑
CL = 20pF (Note 10)
l
1ns
tDSDOBUSYL
SDO Data Valid Delay from BUSY↓
CL = 20pF (Note 10)
l
5ns
tEN
Bus Enable Time After RDL↓
(Note 11)
l
16
ns
tDIS
Bus Relinquish Time After RDL↑
(Note 11)
l
13
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may effect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground.
Note 3: When these pin voltages are taken below ground or above REF or
OVDD, they will be clamped by internal diodes. This product can handle
input currents up to 100mA below ground or above REF or OVDD without
latch-up.
Note 4: VDD = 2.5V, OVDD = 2.5V, REF = 5V, fSMPL = 1.6MHz.
Note 5: Recommended operating conditions.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: Zero-scale error is the offset voltage measured from 0.5LSB
when the output code flickers between 00 0000 0000 0000 0000 and
00 0000 0000 0000 0001. Full-scale error is the deviation of the last code
transition from ideal and includes the effect of offset error.
Note 8: All specifications in dB are referred to a full-scale 5V input with a
5V reference voltage.
Note 9: fSMPL = 1.6MHz, IREF varies proportionately with sample rate.
Note 10: Guaranteed by design, not subject to test.
Note 11: Parameter tested and guaranteed at OVDD = 1.71V, OVDD = 2.5V
and OVDD = 5.25V.
Note 12: tSCK of 10ns maximum allows a shift clock frequency up to
100MHz for rising capture.
Figure 1. Voltage Levels for Timing Specifications
0.8*OVDD
0.2*OVDD
50%
50%
236918 F01
0.2*OVDD
0.8*OVDD
0.2*OVDD
0.8*OVDD
tDELAY
tWIDTH
tDELAY


Similar Part No. - LT6202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6202 LINER-LT6202 Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
LT6202 LINER-LT6202 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6202 LINER-LT6202 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6202 LINER-LT6202 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LT6202 LINER-LT6202 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT6202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2367-18 LINER-LTC2367-18_15 Datasheet
1Mb / 24P
   18-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
logo
Maxim Integrated Produc...
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
logo
Linear Technology
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
   16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2367-16 LINER-LTC2367-16_15 Datasheet
527Kb / 24P
   16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2368-16 LINER-LTC2368-16_15 Datasheet
2Mb / 24P
   16-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Analog Devices
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
   Precision, Pseudo Differential, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com