Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAF4453G Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TAF4453G
Description  Quad PNP-Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TAF4453G Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  TAF4453G Datasheet HTML 1Page - Siemens Semiconductor Group TAF4453G Datasheet HTML 2Page - Siemens Semiconductor Group TAF4453G Datasheet HTML 3Page - Siemens Semiconductor Group TAF4453G Datasheet HTML 4Page - Siemens Semiconductor Group TAF4453G Datasheet HTML 5Page - Siemens Semiconductor Group TAF4453G Datasheet HTML 6Page - Siemens Semiconductor Group TAF4453G Datasheet HTML 7Page - Siemens Semiconductor Group TAF4453G Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TAE 4453
TAF 4453
Semiconductor Group
7
Characteristics (TAF 4453 G)
V
S = ± 5V to ± 15 V; RL = 10 kΩ, unless otherwise specified
Parameter
Symbol
Limit Values
T
A = 25 °C
Limit Values
T
A = – 55
to 125
°C
Unit
min.
typ.
max.
min.
max.
Open-loop supply
current consumption, total
I
S
1.6
3.0
3.6
mA
Input offset voltage,
R
G = 50 Ω
V
IO
–4
4
– 6
6
mV
Input offset current
Input current
I
IO
I
I
–10
40
10
100
–15
15
150
nA
nA
Control range
R
L = 2 kΩ, VS = ± 15 V
R
L = 620 Ω, VS = ± 15 V
V
Q pp
V
Q pp
14.9
14.9
– 14.7
– 14.5
14.8
14.8
– 14.7
– 14.4
V
V
Input impedance,
f = 1 kHz
Z
I
200
k
Open-loop voltage gain
R
L = 2 kΩ
G
V0
85
87
80
dB
Output reverse current
I
QR
15
µA
Common-mode input
voltage range
R
L = 2 kΩ
V
IC
V
S
– 0.2
+
V
S
– 1.5
V
S
+ 0.2
+
V
S
– 1.8
V
Common-mode rejection,
R
L = 2 kΩ
k
CMR
80
85
75
dB
Supply voltage rejection,
G
V = 100
k
SVR
25
100
100
µV/V


Similar Part No. - TAF4453G

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TAF100-EX-11 MORNSUN-TAF100-EX-11 Datasheet
498Kb / 3P
   DC input operation type analog signal isolation safety barrier
TAF100W-EX-11 MORNSUN-TAF100W-EX-11 Datasheet
1Mb / 4P
   12.5mm ULTRA-THIN ANALOG SIGNAL OUTPUT ISOLATION SAFETY BARRIER
logo
Siemens Semiconductor G...
TAF1453G SIEMENS-TAF1453G Datasheet
246Kb / 11P
   Single PNP-Operational Amplifiers
logo
Power Mate Technology C...
TAF150US12 P-DUKE-TAF150US12 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TAF150US12 P-DUKE-TAF150US12 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
More results

Similar Description - TAF4453G

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com