Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1640AL Datasheet(PDF) 2 Page - Linear Technology

Part # LT1640AL
Description  Hot Swap Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 2 Page - Linear Technology

  LT1640AL Datasheet HTML 1Page - Linear Technology LT1640AL Datasheet HTML 2Page - Linear Technology LT1640AL Datasheet HTML 3Page - Linear Technology LT1640AL Datasheet HTML 4Page - Linear Technology LT1640AL Datasheet HTML 5Page - Linear Technology LT1640AL Datasheet HTML 6Page - Linear Technology LT1640AL Datasheet HTML 7Page - Linear Technology LT1640AL Datasheet HTML 8Page - Linear Technology LT1640AL Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC4211
2
4211fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
VCC
SENSE
GATE
FB
RESET
ON
TIMER
GND
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 150°C/W
1
2
3
4
RESET
ON
TIMER
GND
8
7
6
5
VCC
SENSE
GATE
FB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 200°C/W
1
2
3
4
5
RESET
ON
FILTER
TIMER
GND
10
9
8
7
6
FAULT
VCC
SENSE
GATE
FB
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 200°C/W
ORDER INFORMATION
Supply Voltage (VCC) ................................................17V
Input Voltage
FB, ON .................................................. – 0.3V to 17V
SENSE, FILTER ........................... –0.3V to VCC + 0.3V
TIMER...................................................... –0.3V to 2V
Output Voltage
GATE................................. Internally Limited (Note 3)
RESET, FAULT ....................................... –0.3V to 17V
Operating Temperature Range
LTC4211C................................................ 0°C to 70°C
LTC4211I............................................. – 40°C to 85°C
Storage Temperature Range ..................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4211CS8#PBF
LTC4211CS8#TRPBF
4211
8-Lead Plastic SO
0°C to 70°C
LTC4211IS8#PBF
LTC4211IS8#TRPBF
4211I
8-Lead Plastic SO
–40°C to 85°C
LTC4211CMS8#PBF
LTC4211CMS8#TRPBF
LTSC
8-Lead Plastic MSOP
0°C to 70°C
LTC4211IMS8#PBF
LTC4211IMS8#TRPBF
LTSD
8-Lead Plastic MSOP
–40°C to 85°C
LTC4211CMS#PBF
LTC4211CMS#TRPBF
LTSU
10-Lead Plastic MSOP
0°C to 70°C
LTC4211IMS#PBF
LTC4211IMS#TRPBF
LTSV
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Supply Voltage Range
l
2.5
16.5
V
ICC
VCC Supply Current
FB = High, ON = High, TIMER = Low
l
1
1.5
mA
VLKO
Internal VCC Undervoltage Lockout
VCC Low-to-High Transition
l
2.13
2.3
2.47
V
VLKOHST
VCC Undervoltage Lockout Hysteresis
120
mV
IINFB
FB Input Current
VFB = VCC or GND
±1
±10
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2)


Similar Part No. - LT1640AL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LT1640AL LINER-LT1640AL Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LT1640AL LINER-LT1640AL Datasheet
326Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results

Similar Description - LT1640AL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
logo
Linear Technology
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com