Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4250 Datasheet(PDF) 1 Page - Linear Technology

Part # LT4250
Description  ??8V Hot Swap Controllers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4250 Datasheet(HTML) 1 Page - Linear Technology

  LT4250 Datasheet HTML 1Page - Linear Technology LT4250 Datasheet HTML 2Page - Linear Technology LT4250 Datasheet HTML 3Page - Linear Technology LT4250 Datasheet HTML 4Page - Linear Technology LT4250 Datasheet HTML 5Page - Linear Technology LT4250 Datasheet HTML 6Page - Linear Technology LT4250 Datasheet HTML 7Page - Linear Technology LT4250 Datasheet HTML 8Page - Linear Technology LT4250 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTC4253/LTC4253A
1
425353afe
– 48V/2.5A Hot Swap Controller
Start-Up Behavior
TYPICAL APPLICATION
FEATURES
DESCRIPTION
–48V Hot Swap Controllers
with Sequencer
The LTC®4253/LTC4253A negative voltage Hot Swap™
controllers allow a board to be safely inserted and removed
from a live backplane. Output current is controlled by three
stages of current-limiting: a timed circuit breaker, active
current limiting and a fast feedforward path that limits
peak current under worst-case catastrophic fault condi-
tions. The LTC4253/LTC4253A latch off after a circuit fault.
Adjustable undervoltage and overvoltage detectors dis-
connect the load whenever the input supply exceeds the
desired operating range. The LTC4253/LTC4253A’s supply
input is shunt-regulated, allowing safe operation with very
high supply voltages. A multifunction timer delays initial
start-up and controls the circuit breaker’s response time.
The circuit breaker’s response time can be accelerated
by sensing excessive MOSFET drain voltage, keeping the
MOSFET within its safe operating area (SOA). An adjustable
soft-startcircuitcontrolsMOSFETinrushcurrentatstart-up.
Three power good outputs are sequenced by an adjustable
timer and two ENABLE inputs to enable external power
modules at start-up or disable them if the circuit breaker
trips. The LTC4253A features tight ±1% undervoltage/
overvoltage threshold accuracy. The LTC4253/LTC4253A
are available in a 16-pin SSOP.
APPLICATIONS
n Allows Safe Board Insertion and Removal from a
Live –48V Backplane
n Floating Topology Permits Very High Voltage
Operation
n Adjustable Analog Current Limit with Breaker Timer
Ideal for Two Battery Feeds
n Fast Response Time Limits Peak Fault Current
n Adjustable Undervoltage/Overvoltage Protection
with ±1% Threshold Accuracy (LTC4253A)
n Three Sequenced Power Good Outputs
n Adjustable Soft-Start Current Limit
n Adjustable Timer with Drain Voltage Accelerated
Response
n Latchoff After Fault
n Available in a 16-Pin SSOP Package
n –48V Distributed Power Systems
n Negative Power Supply Control
n Central Office Switching
n High Availability Servers
n Disk Arrays
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and Hot
Swap is a trademark of Linear Technology Corporation. All other trademarks are the property of
their respective owners.
5.6k
5.6k
5.6k
PWRGD1
VIN
EN2
EN3
VIN
VEE
LTC4253
LOAD1
PWRGD2
PWRGD3
OV
DRAIN
SS
GATE
SQTIMER
SENSE
TIMER
EN
LOAD2
EN
LOAD3
EN
2.5k
15k(1/4W)/6
UV
RESET
4253 TA01
10Ω
1M
0.02Ω
IRF530S
*DIODES, INC.
MOC207
††RECOMMENDED FOR HARSH ENVIRONMENTS.
18nF
0.33μF
0.1μF
68nF
10nF
+
100μF
B3100*
402k
1%
– 48V A
– 48V B
– 48V RTN
– 48V RTN
B3100*
32.4k
1%
1μF
DIN
††
DDZ13B*
GATE
10V
SS
1V
SENSE
50mV
VOUT
50V
1ms/DIV
4253 TA01b
NOT RECOMMENDED FOR NEW DESIGNS
Please See LTC4253B for Drop-In Replacement


Similar Part No. - LT4250

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4250 LINER-LT4250 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LT4250 LINER-LT4250 Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LT4250H LINER-LT4250H Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
LT4250H LINER-LT4250H Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
logo
Analog Devices
LT4250H AD-LT4250H Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - LT4250

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
logo
Texas Instruments
UCC1919 TI-UCC1919 Datasheet
127Kb / 11P
[Old version datasheet]   3V to 8V Hot Swap Power Manager
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Linear Technology
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com