Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA305A Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TCA305A
Description  Proximity Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA305A Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TCA305A Datasheet HTML 1Page - Siemens Semiconductor Group TCA305A Datasheet HTML 2Page - Siemens Semiconductor Group TCA305A Datasheet HTML 3Page - Siemens Semiconductor Group TCA305A Datasheet HTML 4Page - Siemens Semiconductor Group TCA305A Datasheet HTML 5Page - Siemens Semiconductor Group TCA305A Datasheet HTML 6Page - Siemens Semiconductor Group TCA305A Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
TCA 305
TCA 355
TCA 305 A
TCA 305 G
The devices TCA 305 and TCA 355 contain all the functions necessary to design inductive
proximity switches. By approaching a standard metal plate to the coil, the resonant circuit is
damped and the outputs are switched.
Operation Schematic: see TCA 205
The types TCA 305 and TCA 355 have been developed from the type TCA 205 and are out-
standing for the following characteristics:
Logic Functions
Oscillator
Outputs
Q
not damped
damped
H
L
L
H
TCA 355 G
Pin Configurations (top view)


Similar Part No. - TCA305A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA305A SIEMENS-TCA305A Datasheet
593Kb / 7P
   Proximity Switch
More results

Similar Description - TCA305A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8117066 FESTO-8117066 Datasheet
74Kb / 1P
   Proximity switch
logo
Siemens Semiconductor G...
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
   Proximity Switch
TCA305 SIEMENS-TCA305_05 Datasheet
593Kb / 7P
   Proximity Switch
logo
Festo Corporation.
8117065 FESTO-8117065 Datasheet
74Kb / 1P
   Proximity switch
8150171 FESTO-8150171 Datasheet
85Kb / 2P
   Proximity switch
7/11/22
8152201 FESTO-8152201 Datasheet
95Kb / 2P
   Proximity switch
1/21/22
8150174 FESTO-8150174 Datasheet
87Kb / 2P
   Proximity switch
7/11/22
8138000 FESTO-8138000 Datasheet
85Kb / 2P
   Proximity switch
8117063 FESTO-8117063 Datasheet
74Kb / 1P
   Proximity switch
8150173 FESTO-8150173 Datasheet
82Kb / 2P
   Proximity switch
7/11/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com