Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA3727 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # TCA3727
Description  2-Phase Stepper-Motor Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA3727 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button TCA3727 Datasheet HTML 7Page - Siemens Semiconductor Group TCA3727 Datasheet HTML 8Page - Siemens Semiconductor Group TCA3727 Datasheet HTML 9Page - Siemens Semiconductor Group TCA3727 Datasheet HTML 10Page - Siemens Semiconductor Group TCA3727 Datasheet HTML 11Page - Siemens Semiconductor Group TCA3727 Datasheet HTML 12Page - Siemens Semiconductor Group TCA3727 Datasheet HTML 13Page - Siemens Semiconductor Group TCA3727 Datasheet HTML 14Page - Siemens Semiconductor Group TCA3727 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TCA 3727
Semiconductor Group
11
1998-02-01
Standby Cutout (inhibit)
Threshold
Threshold
Hysteresis
V
Inh
(L
→H)
V
Inh
(H
→L)
V
Inhhy
2
1.7
0.3
3
2.3
0.7
4
2.9
1.1
V
V
V
Internal Z-Diode
Z-voltage
V
LZ
6.5
7.4
8.2
V
I
L = 50 mA
Power Outputs
Diode Transistor Sink Pair
(D13, T13; D14, T14; D23, T23; D24, T24)
Saturation voltage
Saturation voltage
Reverse current
Forward voltage
Forward voltage
V
satl
V
satl
I
Rl
V
Fl
V
Fl
0.3
0.5
0.9
1
0.6
1
300
1.3
1.4
V
V
µA
V
V
I
Q = – 0.5 A
I
Q = – 0.75 A
V
Q = 40 V
I
Q = 0.5 A
I
Q = 0.75 A
Diode Transistor Source Pair
(D11, T11; D12, T12; D21, T21; D22, T22)
Saturation voltage
Saturation voltage
Saturation voltage
Saturation voltage
Reverse current
Forward voltage
Forward voltage
Diode leakage current
V
satuC
V
satuD
V
satuC
V
satuD
I
Ru
V
Fu
V
Fu
I
SL
0.9
0.3
1.1
0.5
1
1.1
1
1.2
0.7
1.4
1
300
1.3
1.4
2
V
V
V
V
µA
V
V
mA
I
Q = 0.5 A;
charge
I
Q = 0.5 A;
discharge
I
Q = 0.75 A;
charge
I
Q = 0.75 A;
discharge
V
Q = 0 V
I
Q = – 0.5 A
I
Q = – 0.75 A
I
F = – 0.75 A
Characteristics (cont’d)
V
S = 40 V; VL = 5 V; – 25 °C ≤ Tj ≤ 125 °C
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.


Similar Part No. - TCA3727

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TCA3727 INFINEON-TCA3727 Datasheet
615Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
TCA3727G INFINEON-TCA3727G Datasheet
615Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
TCA3727G INFINEON-TCA3727G Datasheet
539Kb / 23P
   2-phase Stepper Motor Driver Bipolar IC
Rev. 2.2, January 2008
More results

Similar Description - TCA3727

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com