Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA16888 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # TDA16888
Description  High Performance Power Combi Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA16888 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button TDA16888 Datasheet HTML 7Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 8Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 9Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 10Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 11Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 12Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 13Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 14Page - Siemens Semiconductor Group TDA16888 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TDA 16888
Semiconductor Group
11
Data Sheet 1998-05-06
The oscillator can be synchronized with an external clock signal supplied at pin 12
(SYNC). As long as this clock signal is H the oscillator’s triangular signal
V
OSC is
interrupted and its clock signal CLK OSC is H (see Figure 19 and Figure 20). However,
as soon as the external clock changes from H to L the oscillator is released.
Correspondingly, by means of an external clock signal supplied at pin 12 (SYNC) the
oscillator frequency
f
OSC set by an external resistor at pin 16 (ROSC) can be varied on
principle only within the range from 0.66
f
OSC to 2 fOSC. Please note, that the slope of the
falling edge of the PFC ramp is not influenced by the synchronization frequency. Instead
the lower voltage peak is modulated. Consequently, on the one hand at high
synchronization frequencies
f
SYNC > fOSC
the amplitude of the ramp signal and
correspondingly its signal-to-noise ratio is decreased (see Figure 19). On the other hand
at low synchronization frequencies
f
SYNC < fOSC the lower voltage peak is clamped to the
minimum ramp voltage (typ. 1.1 V), that at least can be achieved (see Figure 20), which
may cause undefined PFC duty cycles as the voltage
V
PFC CC at pin 3 (PFC CC) drops
below this threshold. However, if the oscillator has to be synchronized over a wide
frequency range, a synchronization by means of the sink current at pin 16 (ROSC) has
to be preferred to a synchronization by means of pin 12 (SYNC).
In order to reduce the overall current consumption under low load conditions, the
oscillator frequency itself is halved as long as the voltage at pin 13 (PWM SS) is less
than 0.4 V (disabled PWM section).
Multiplier
The multiplier serves to provide the controlled current
I
QM by combination of the shape
of the sinusoidal input current
I
M1 derived from the voltage at pin 1 (PFC IAC) by means
of the 10 k
Ω resistor R
2, the magnitude of the PFC output voltage VM2 given at pin 18
(PFC VC) and the possibility for soft overvoltage protection
V
M3
(see Chapter
Protection Circuitry ). By means of this current the required power factor as well as the
magnitude of the PFC output voltage is ensured. To achieve an excellent performance
over a wide range of output power and input voltage, the input voltage
V
M2 is amplified
by an exponential function before being fed into the multiplier (see Figure 8).
Voltage Amplifier OP1
Being part of the outer loop the error amplifier OP1 controls the magnitude of the PFC
output voltage by comparison of the PFC output voltage measured at pin 17 (PFC FB)
with an internal reference voltage. The latter is fixed to 5 V in order to achieve immunity
from external noise. To allow for individual feedback the output of OP1 is connected to
pin 18 (PFC VC).


Similar Part No. - TDA16888

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA16888 INFINEON-TDA16888 Datasheet
507Kb / 39P
   High Performance Power Combi Controller
2000-02-28
TDA16888G INFINEON-TDA16888G Datasheet
507Kb / 39P
   High Performance Power Combi Controller
2000-02-28
More results

Similar Description - TDA16888

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA16888 INFINEON-TDA16888 Datasheet
507Kb / 39P
   High Performance Power Combi Controller
2000-02-28
ICE1CS02 INFINEON-ICE1CS02 Datasheet
444Kb / 27P
   Combi PFC/ PWM Controller
Version 1.0, 25 July 2008
logo
SHENZHEN FUMAN ELECTRON...
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
SIFIRST TECHNOLOGIES NA...
SFL330 SIFIRST-SFL330 Datasheet
57Kb / 2P
   High Performance, High Power Factor Flyback PWM Controller
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com