Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS116Q-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS116Q-7-F
Description  SURFACE MOUNT LOW LEAKAGE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116Q-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS116Q-7-F Datasheet HTML 1Page - Diodes Incorporated BAS116Q-7-F Datasheet HTML 2Page - Diodes Incorporated BAS116Q-7-F Datasheet HTML 3Page - Diodes Incorporated BAS116Q-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS116
Document number: DS30233 Rev. 10 - 2
1 of 4
www.diodes.com
November 2011
© Diodes Incorporated
BAS116
SURFACE MOUNT LOW LEAKAGE DIODE
Features
Surface Mount Package Ideally Suited for Automated Insertion
Very Low Leakage Current
Lead Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 1 and 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.008 grams (approximate)
Ordering Information (Note 3)
Part Number
Qualification
Case
Packaging
BAS116-7-F
Commercial
SOT23
3,000/Tape & Reel
BAS116-13-F
Commercial
SOT23
10,000/Tape & Reel
BAS116Q-7-F
Automotive
SOT23
3,000/Tape & Reel
BAS116Q-13-F
Automotive
SOT23
10,000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Product manufactured with Date Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2001
2002
…..
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
M
N
…..
W
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT23
Top View
Internal Schematic
XXX = Product Type Marking Code; K50, K54
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
XXX


Similar Part No. - BAS116Q-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116Q-7-F DIODES-BAS116Q-7-F Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116Q-7-F DIODES-BAS116Q-7-F Datasheet
281Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
More results

Similar Description - BAS116Q-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS20DW DIODES-BAS20DW_09 Datasheet
107Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116T DIODES-BAS116T_09 Datasheet
82Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
logo
Galaxy Semi-Conductor H...
BAV3004W BILIN-BAV3004W_17 Datasheet
120Kb / 3P
   Surface mount low leakage diode
logo
Diodes Incorporated
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com