Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W-DFN5020-6 Datasheet(PDF) 23 Page - Diodes Incorporated

Part # W-DFN5020-6
Description  SUGGESTED PAD LAYOUT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

W-DFN5020-6 Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button W-DFN5020-6 Datasheet HTML 19Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 20Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 21Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 22Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 23Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 24Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 25Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 26Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 27Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
23 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
TSSOP-16EP
Dimensions
Value
(in mm)
C
0.650
X
0.450
X1
3.290
X2
5.000
Y
1.450
Y1
3.290
Y2
4.450
Y3
7.350
TSSOP-20
Dimensions
Value
(in mm)
C
0.650
X
0.420
X1
6.270
Y
1.780
Y1
4.160
Y2
7.720
TSSOP-20EP
Dimensions
Value
(in mm)
C
0.650
X
0.420
X1
4.490
X2
6.270
Y
1.780
Y1
3.290
Y2
4.160
Y3
7.720
Y2
Y (16x)
Y3
C
Y1
X2
X1
X (16x)
Y1
Y2
Y (20x)
X (20x)
C
X1
Y1
X1
Y2
Y3
Y (20x)
X (20x)
C
X2


Similar Part No. - W-DFN5020-6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
W-DFN5020-6 DIODES-W-DFN5020-6 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
W-DFN5020-6 DIODES-W-DFN5020-6 Datasheet
1Mb / 51P
   PACKAGE OUTLINE DIMENSIONS
More results

Similar Description - W-DFN5020-6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP02001 DIODES-AP02001_1 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
AP02001 DIODES-AP02001 Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
All Sensors Corporation
EGBD ASC-EGBD Datasheet
42Kb / 1P
   For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
   For suggested pad layout, see drawing: PAD-01
P2NQ ASC-P2NQ Datasheet
207Kb / 1P
   For suggested pad layout, see drawing: PAD-01
CFFS ASC-CFFS Datasheet
275Kb / 1P
   For suggested pad layout, see drawing: PAD-01
CPFR ASC-CPFR Datasheet
290Kb / 1P
   For suggested pad layout, see drawing: PAD-01
EGNL ASC-EGNL Datasheet
39Kb / 1P
   For suggested pad layout, see drawing: PAD-01
PTNQ ASC-PTNQ Datasheet
250Kb / 1P
   For suggested pad layout, see drawing: PAD-01
PTNR ASC-PTNR Datasheet
238Kb / 1P
   For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com