Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W-DFN5020-6 Datasheet(PDF) 47 Page - Diodes Incorporated

Part # W-DFN5020-6
Description  PACKAGE OUTLINE DIMENSIONS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

W-DFN5020-6 Datasheet(HTML) 47 Page - Diodes Incorporated

Back Button W-DFN5020-6 Datasheet HTML 43Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 44Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 45Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 46Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 47Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 48Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 49Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 50Page - Diodes Incorporated W-DFN5020-6 Datasheet HTML 51Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
AP02002 Rev. 60
47 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
PBU
PBU
Dim
Min
Max
A
22.70
23.70
B
3.80
4.10
C
4.20
4.70
D
1.70
2.20
E
10.30
11.30
G
4.50
6.80
H
4.80
5.80
J
25.40
-
K
-
19.30
L
16.80
17.80
M
6.60
7.10
N
4.70
5.20
P
1.20
1.30
All Dimensions in mm
PDIP-8
PDIP-8
Dim
Min
Max
A
9.02
9.53
B
6.15
6.35
C
3.10
3.50
D
0.36
0.56
F
1.40
1.65
G
2.54 typ.
H
0.71
0.97
J
0.20
0.36
K
2.92
3.81
L
7.62
8.26
M
-
15°
N
0.38 (min)
All Dimensions in mm
SIP-3 for Ammo Pack only
SIP-3
for Ammo Pack only
Dim
Min
Max
A
3.9
4.3
a1
45
° Typ
a2
3
° Typ
B
2.8
3.2
C
1.40
1.60
D
0.35
0.41
E
0.43
0.48
F
0
0.2
G
2.4
2.9
N
0.63
0.84
P
1.55
-
All Dimensions in mm
- ~ ~ +
B
C
D
H
M
N
P
A
E
L
K
J
G
A
B
H
G
F
D
N
K
C
L
M
J
G
A
B
P
E F
D
a2
a1
N
C


Similar Part No. - W-DFN5020-6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
W-DFN5020-6 DIODES-W-DFN5020-6 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
W-DFN5020-6 DIODES-W-DFN5020-6 Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
More results

Similar Description - W-DFN5020-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT-210USD ETC2-HT-210USD Datasheet
732Kb / 2P
   Package Outline Dimensions
logo
Diodes Incorporated
AP02002 DIODES-AP02002_1 Datasheet
775Kb / 36P
   PACKAGE OUTLINE DIMENSIONS
logo
Galaxy Semi-Conductor H...
081029132636 BILIN-081029132636 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
SOT-523 BILIN-SOT-523 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029131240 BILIN-081029131240 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
101116113633 BILIN-101116113633 Datasheet
62Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029132758 BILIN-081029132758 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029133319 BILIN-081029133319 Datasheet
35Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
SOT-89 BILIN-SOT-89 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
logo
Diodes Incorporated
AP02002 DIODES-AP02002 Datasheet
776Kb / 32P
   PACKAGE OUTLINE DIMENSIONS
AP02002 Rev. 44
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com