Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4360X Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TDA4360X
Description  Dual Conversion AM Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4360X Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TDA4360X Datasheet HTML 1Page - Siemens Semiconductor Group TDA4360X Datasheet HTML 2Page - Siemens Semiconductor Group TDA4360X Datasheet HTML 3Page - Siemens Semiconductor Group TDA4360X Datasheet HTML 4Page - Siemens Semiconductor Group TDA4360X Datasheet HTML 5Page - Siemens Semiconductor Group TDA4360X Datasheet HTML 6Page - Siemens Semiconductor Group TDA4360X Datasheet HTML 7Page - Siemens Semiconductor Group TDA4360X Datasheet HTML 8Page - Siemens Semiconductor Group TDA4360X Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TDA 4360X
Semiconductor Group
5
04.96
2
Circuit Description
The integrated circuit includes an 2-pin oscillator (1. LO) with sym. input, buffered output
and a double balanced mixer with sym. input. These stages convert the AM input signal
to a 1. IF which is much higher (~ 10 MHz) than the input frequencies. The 1. LO
operates as a LC varactor oscillator in the same 100 MHz range like the FM tuner
oscillator (e.g. TUA 4310X). So the same peripheral elements can be used.
Depending on the signal strength the prestage AGC controls MOSFET prestage
amplifiers.
The 1. IF passes an external selectivity and is then converted in a sym. double balanced
mixer to the 2. IF.
The 2. LO operates as a quartz controlled oscillator or as an amplifier for an external
signal.
The 2. IF signal passes an automatic gain controlled (AGC) IF amplifier and is then
demodulated to the AF in a quasi-synchronous demodulator. The AGC time constant
can be switched with a ratio of 20.
For fine tuning the decoupled 2. IF frequency is available.
The TDA 4360X is prepared to work with a PLL in the 100 MHz range. When applied
with a standard AM-PLL the oscillator frequency divided by 8 or 10 has to be used. In
this case a higher phase noise is to be expected.


Similar Part No. - TDA4360X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4362 SIEMENS-TDA4362 Datasheet
92Kb / 2P
   The Weatherband IC
TDA4362X SIEMENS-TDA4362X Datasheet
92Kb / 2P
   The Weatherband IC
More results

Similar Description - TDA4360X

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13030 MOTOROLA-MC13030 Datasheet
389Kb / 16P
   DUAL CONVERSION AM RECEIVER
logo
Allegro MicroSystems
3848 ALLEGRO-3848 Datasheet
75Kb / 3P
   DUAL-CONVERSION AM RECEIVER
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
   LOW?밣OWER DUAL CONVERSION FM RECEIVER
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com