Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67000-Y594 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67000-Y594
Description  Control IC for Single-Ended and Push-Pull Switched-Mode Power Supplies SMPS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-Y594 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67000-Y594 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-Y594 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-Y594 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-Y594 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-Y594 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-Y594 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-Y594 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-Y594 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-Y594 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TDA 4700
TDA 4718
Semiconductor Group
5
Pin Definitions and Functions (TDA 4718)
Circuit Description
Voltage Controlled Oscillator (VCO)
The VCO generates a sawtooth voltage. The duration of the falling edge is determined
by the value of
C
T. The duration of the rising edge of the waveform and, therefore,
approximately the frequency, is determined by the value of
R
T. By varying the voltage at
C
filter, the oscillator frequency can be changed by its rated value. During the fall time, the
VCO provides a trigger signal for the ramp generator, as well as an L signal for a number
of IC parts to be controlled.
Pin
Symbol
Function
1
GND
Ground 0 V
2
3
R
R
C
R
Ramp generator
R
R
Ramp generator
C
R
4
5
I COMP
I SYNC
+ Input comparator K2
Sync. input
6
7
IUV
IOV
Input undervoltage, ON/OFF
Input overvoltage
8
9
I
DYN
+
I
DYN
Input dynamic current limitation (–)
Input dynamic current limitation (+)
10
11
+
V
REF
+
V
S
Reference voltage
Supply voltage
12
13
Q 2
Q 1
Output Q2
Output Q1
14
15
Q SYNC
C
soft start
Sync. output
Soft start
16
17
18
R
T
C
filter
C
T
VCO
R
T
Capacitance
VCO
C
T


Similar Part No. - Q67000-Y594

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-A-5000 SIEMENS-Q67000-A-5000 Datasheet
521Kb / 16P
   FM-IF with Counter Output, Field Strength Indicator, Noise Detector and MUTE Setting
Q67000-A1018-G403 SIEMENS-Q67000-A1018-G403 Datasheet
226Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER WITH DARLINGTON INPUT
logo
List of Unclassifed Man...
Q67000-A1022 ETC1-Q67000-A1022 Datasheet
201Kb / 6P
   VIDEO IF IC FOR BLACK / WHITE AND COLOR TV SETS
logo
Siemens Semiconductor G...
Q67000-A1031 SIEMENS-Q67000-A1031 Datasheet
179Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
Q67000-A1033 SIEMENS-Q67000-A1033 Datasheet
155Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - Q67000-Y594

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4714C SIEMENS-TDA4714C Datasheet
388Kb / 17P
   IC for Switched-Mode Power Supplies (SMPS)
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistor
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com