Selected language     English  â–Ľ


TDA4862G Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. TDA4862G
Description  Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 
 4 page
background image
TDA 4862
Semiconductor Group
4
1998-02-16
Functional Description
Introduction
Conventional electronic ballasts and switching power supplies are designed with a
bridge rectifier and bulk capacitor. Their disadvantage is that the circuit draws power
from the line when the instantaneous AC voltage exceeds the capacitor’s voltage. This
occurs near the line voltage peak and causes a high charge current spike with following
characteristics: the apparent power is higher than the real power that means low power
factor condition, the current spikes are non-sinusoidal with a high content of harmonics
causing line noise, the rectified voltage depends on load condition and requires a large
bulk capacitor, special efforts in noise suppression are necessary.
With the TDA 4862 preconverter a sinusoidal current is achieved which varies in direct
instantaneous proportion to the input voltage half sine wave and means a power factor
near 1. This is due to the appearance of almost any complex load like a resistive one at
the AC line. The harmonic distortions are reduced and comply with the IEC555 standard.
Operating Description
The TDA 4862 contains a wide bandwidth voltage amplifier used in a feedback loop, an
overvoltage regulator, an one quadrant multiplier with a wide linear operating range, a
current sense comparator, zero current detector, a PWM and logic circuitry, a totem-pole
MOSFET driver, an internal trimmed voltage reference, a restart timer and an
undervoltage lockout circuitry. These functional blocks are described below.
Voltage Amplifier
The voltage amplifier is internally compensated and yields a gain bandwidth of 0.8 MHz
and a phase margin of 80 degrees. The non-inverting input is biased at 2.5 V and is not
pinned out. The inverting input is sensing the output voltage via a resitive devider. The
voltage amplifier output
V
AOUT and the inverting input VSENSE are connected in a simplest
way via an external capacitor. It forms an integrator which monitors the average output
voltage over several line cycles. Typically the bandwidth is set below 20 Hz. ln order to
keep the output voltage constant the voltage amplifier output is connected to the
multiplier input for regulation.
Overvoltage Regulator
Fast changes of the output voltage can’t be regulated by the integrator formed with the
voltage amplifier This occurs during initial start-up, sudden load removal, or output
arcing and leads to a current peak at the voltage amplifier input while the voltage
amplifier’s differential input voltages remains zero. The peak current is flowing through
the external capacitor into
V
AOUT. Exceeding an internal defined margin causes a
regulation circuitry to reduce the multiplier output voltage.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4814Power Factor Controller IC for High Power Factor and Active Harmonic Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA4817Power Factor Controller IC for High Power Factor and Active Harmonic Filtering 1 2 3 4 5 MoreSiemens Semiconductor Group
ICE1PD265GPower Factor Controller + Cool- MOS: BoostSET IC for High Power Factor and low THD 1 2 3 4 5 MoreInfineon Technologies AG
TDA4863-2Power Factor Controller IC for High Power Factor and Low THD 1 2 3 4 5 MoreInfineon Technologies AG
LT1768High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime 1 2 3 4 5 MoreLinear Technology
ICE1QS01Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction PFC 1 2 3 4 5 MoreInfineon Technologies AG
2N6671HIGH VOLTAGE NPN TYPES FOR OFF LINE POWER SUPPLIES AND OTHER HIGH VOLTAGE SWITCHING APPLICATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BDP951NPN Silicon AF Power Transistors For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
HD1760JLHigh Voltage NPN Power Transistor for High Definition and New Super-Slim CRT Display 1 2 3 4 5 MoreSTMicroelectronics
TCU20A60FRD - For Power Factor Improvement High Frequency Rectification 1 2 3 4 5 Nihon Inter Electronics Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl