Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EN29LV320C Datasheet(HTML) 21 Page - Eon Silicon Solution Inc.

Part No. EN29LV320C
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29LV320C Datasheet(HTML) 21 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 49 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
21
EN29LV320C
Rev. B, Issue Date: 2011/05/13
Sector Erase Suspend / Resume Command
The Sector Erase Suspend command allows the system to interrupt a sector erase operation and then
read data from, or program data to, any sector not selected for erasure. This command is valid only
during the sector erase operation. The Sector Erase Suspend command is ignored if written during the
chip erase operation or Embedded Program algorithm. Addresses are don’t-cares when writing the
Sector Erase Suspend command.
When the Sector Erase Suspend command is written during a sector erase operation, the device
requires a maximum of 20 µs to suspend the erase operation.
After the erase operation has been suspended, the system can read array data from or program data to
any sector not selected for erasure. Normal read and write timings and command definitions apply.
Please note that Autoselect command sequence can not be accepted during Sector Erase
Suspend
.
Reading at any address within erase-suspended sectors produces status data on DQ7–DQ0. The
system can use DQ7, or DQ6 and DQ2 together, to determine if a sector is actively erasing or is erase-
suspended. See “Write Operation Status” for information on these status bits.
After an erase-suspended program operation is complete, the system can once again read array data
within non-suspended sectors. The system can determine the status of the program operation using the
DQ7 or DQ6 status bits, just as in the standard program operation. See “Write Operation Status” for
more information. The Autoselect command is not supported during Sector Erase Suspend Mode.
The system must write the Sector Erase Resume command (address bits are don’t-care) to exit the
sector erase suspend mode and continue the sector erase operation. Further writes of the Resume
command are ignored. Another Sector Erase Suspend command can be written after the device has
resumed erasing.
WRITE OPERATION STATUS
DQ7: DATA# Polling
The EN29LV320C provides DATA# polling on DQ7 to indicate the status of the embedded operations.
The DATA# Polling feature is active during the Word/Byte Programming, Sector Erase, Chip Erase, and
Sector Erase Suspend. (See Table 10)
When the embedded programming is in progress, an attempt to read the device will produce the
complement of the data written to DQ7. Upon the completion of the programming operation, an attempt
to read the device will produce the true data written to DQ7. DATA# polling is valid after the rising edge
of the fourth WE# or CE# pulse in the four-cycle sequence for program.
When the embedded Erase is in progress, an attempt to read the device will produce a “0” at the DQ7
output. Upon the completion of the embedded Erase, the device will produce the “1” at the DQ7 output
during the read cycles. For Chip Erase or Sector Erase, DATA# polling is valid after the rising edge of
the last WE# or CE# pulse in the six-cycle sequence.
DATA# Polling must be performed at any address within a sector that is being programmed or erased
and not a protected sector. Otherwise, DATA# polling may give an inaccurate result if the address used
is in a protected sector.
Just prior to the completion of the embedded operations, DQ7 may change asynchronously when the
output enable (OE#) is low. This means that the device is driving status information on DQ7 at one
instant of time and valid data at the next instant of time. Depending on the time the system samples the
DQ7 output, it may read the status of valid data. Even if the device has completed the embedded
operation and DQ7 has a valid data, the data output on DQ0-DQ6 may be still invalid. The valid data on
DQ0-DQ7 should be read on the subsequent read attempts.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn