Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EN29LV320C Datasheet(HTML) 30 Page - Eon Silicon Solution Inc.

Part No. EN29LV320C
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29LV320C Datasheet(HTML) 30 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 49 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
30
EN29LV320C
Rev. B, Issue Date: 2011/05/13
DC Characteristics
Table 15. DC Characteristics
(TBaB = 0°C to 70°C or - 40°C to 85°C; VBCCB = 2.7-3.6V)
Notes:
1. BYTE# pin can also be GND ± 0.3V. BYTE# and RESET# pin input buffers are always enabled so that
they draw power if not at full CMOS supply voltages.
2. Maximum I
B
CC
B
specifications are tested with Vcc = Vcc max.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
I
B
LI
B
Input Leakage Current
0V
≤ V
B
IN
B
≤ Vcc
±5
µA
I
B
LO
B
Output Leakage Current
0V
≤ V
B
OUT
B
≤ Vcc
±5
µA
Active Read Current ( Byte mode )
9
16
mA
I
B
CC1
B
Active Read Current ( Word mode )
CE# = V
B
IL
B
; OE# = V
B
IH ;
B
f = 5MHz
9
16
mA
I
B
CC2
B
Supply Current (Program or Erase)
CE# = V
B
IL
B
, OE# = V
B
IH
B
,
WE# = V
B
IL
B
20
30
mA
I
B
CC3
B
Supply Current (Standby - CMOS)
CE# = BYTE# =
RESET# = Vcc ± 0.3V
(Note 1)
1
5.0
µA
I
B
CC4
B
Reset Current
RESET# = Vss ± 0.3V
1
5.0
µA
I
B
CC5
B
Automatic Sleep Mode
V
B
IH
B
= Vcc ± 0.3V
V
B
IL
B
= Vss ± 0.3V
1
5.0
µA
V
B
IL
B
Input Low Voltage
-0.5
0.8
V
V
B
IH
B
Input High Voltage
0.7 x
Vcc
Vcc +
0.3
V
V
B
HH
B
#WP/ACC Voltage (Write Protect /
Program Acceleration)
8.5
9.5
V
V
B
ID
B
Voltage for Autoselect or
Temporary Sector Unprotect
8.5
9.5
V
V
B
OL
B
Output Low Voltage
I
B
OL
B
= 4.0 mA
0.45
V
V
B
OH
B
Output High Voltage CMOS
I
B
OH
B
= -100
μA
Vcc -
0.4V
V
V
B
LKO
B
Supply voltage (Erase and
Program lock-out)
2.3
2.5
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn