Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EN29LV320C Datasheet(HTML) 34 Page - Eon Silicon Solution Inc.

Part No. EN29LV320C
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29LV320C Datasheet(HTML) 34 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 49 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
34
EN29LV320C
Rev. B, Issue Date: 2011/05/13
AC CHARACTERISTICS
Table 18. Read-only Operations Characteristics
Parameter
Symbols
Speed
JEDEC
Standard
Description
Test Setup
-70
Unit
tAVAV
tRC
Read Cycle Time
Min
70
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE#= VIL
Max
70
ns
tELQV
tCE
Chip Enable To Output Delay
OE#= VIL
Max
70
ns
tGLQV
tOE
Output Enable to Output Delay
Max
30
ns
tEHQZ
tDF
Chip Enable to Output High Z
Max
20
ns
tGHQZ
tDF
Output Enable to Output High Z
Max
20
ns
tAXQX
tOH
Output Hold Time from
Addresses, CE# or OE#,
whichever occurs first
Min
0
ns
Read
MIn
0
ns
tOEH
Output Enable
Hold Time
Toggle and
DATA#
Polling
Min
10
ns
Notes:
1. High Z is Not 100% tested.
2. For - 70
Vcc = 2.7V – 3.6V
Output Load: 30pF
Input Rise and Fall Times: 5ns
Input Pulse Levels: 0.0 V to 3.0 V
Timing Measurement Reference Level, Input and Output: 1.5 V
Figure 3. AC Waveforms for READ Operations
Addresses
CE#
OE#
WE#
Outputs
RESET#
RY/BY#
tBACC
0V
HIGH Z
Output Valid
tBCEB
tBOH
tBDF
tBOEHB
HIGH Z
tBOEB
tBRCB
Addresses Stable


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn