Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV320C Datasheet(PDF) 35 Page - Eon Silicon Solution Inc.

Part # EN29LV320C
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV320C Datasheet(HTML) 35 Page - Eon Silicon Solution Inc.

Back Button EN29LV320C Datasheet HTML 31Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 32Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 33Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 34Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 35Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 36Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 37Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 38Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 39Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
35
EN29LV320C
Rev. B, Issue Date: 2011/05/13
AC CHARACTERISTICS
Table 19. Write (Erase/Program) Operations
Parameter
Symbols
Speed
JEDEC
Standard
Description
-70
Unit
t
B
AVAV
B
t
B
WC
B
Write Cycle Time
Min
70
ns
t
B
AVWL
B
t
B
AS
B
Address Setup Time
Min
0
ns
t
B
WLAX
B
t
B
AH
B
Address Hold Time
Min
45
ns
t
B
DVWH
B
t
B
DS
B
Data Setup Time
Min
30
ns
t
B
WHDX
B
t
B
DH
B
Data Hold Time
Min
0
ns
t
B
OES
B
Output Enable Setup Time
Min
0
ns
t
B
GHWL
B
t
B
GHWL
B
Read Recovery Time before
Write (OE# High to WE# Low)
Min
0
ns
t
B
ELWL
B
t
B
CS
B
CE# Setup Time
Min
0
ns
t
B
WHEH
B
t
B
CH
B
CE# Hold Time
Min
0
ns
t
B
WLWH
B
t
B
WP
B
Write Pulse Width
Min
45
ns
t
B
WHDL
B
t
B
WPH
B
Write Pulse Width High
Min
20
ns
Byte
Typ
8
t
B
WHW1
B
t
B
WHWH1
B
Programming
Operation
Word
Typ
8
µs
t
B
WHW1
B
t
B
WHWH1
B
Accelerated Programming
Operation
(Word AND Byte Mode)
Typ
7
µs
Sector Erase Operation
Typ
0.1
s
t
B
WHW2
B
t
B
WHWH2
B
Chip Erase Operation
Typ
8
s
t
B
VCS
B
Vcc Setup Time
Min
50
µs
t
B
BUSY
WE# High to RY/BY# Low
Max
70
ns
tRB
Recovery Time from RY/BY#
Min
0
ns
Notes:
tWC is Not 100% tested.


Similar Part No. - EN29LV320C

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70B EON-EN29LV320AB-70B Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70BI EON-EN29LV320AB-70BI Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70BIP EON-EN29LV320AB-70BIP Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV320C

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320B EON-EN29LV320B_11 Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com