Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EN29LV320C Datasheet(HTML) 36 Page - Eon Silicon Solution Inc.

Part No. EN29LV320C
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29LV320C Datasheet(HTML) 36 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 49 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
36
EN29LV320C
Rev. B, Issue Date: 2011/05/13
AC CHARACTERISTICS
Table 20. Write (Erase/Program) Operations
Alternate
CE# Controlled Writes
Parameter
Symbols
Speed Options
JEDEC
Standard
Description
-70
Unit
t
B
AVAV
B
t
B
WC
B
Write Cycle Time
Min
70
ns
t
B
AVEL
B
t
B
AS
B
Address Setup Time
Min
0
ns
t
B
ELAX
B
t
B
AH
B
Address Hold Time
Min
45
ns
t
B
DVEH
B
t
B
DS
B
Data Setup Time
Min
30
ns
t
B
EHDX
B
t
B
DH
B
Data Hold Time
Min
0
ns
t
B
OES
B
Output Enable Setup Time
Min
0
ns
t
B
GHEL
B
t
B
GHEL
B
Read Recovery Time before
Write (OE# High to CE# Low)
Min
0
ns
t
B
WLEL
B
t
B
WS
B
WE# Setup Time
Min
0
ns
t
B
EHWH
B
t
B
WH
B
WE# Hold Time
Min
0
ns
t
B
ELEH
B
t
B
CP
B
CE# Pulse Width
Min
35
ns
t
B
EHEL
B
t
B
CPH
B
CE# Pulse Width High
Min
20
ns
Byte
Typ
8
t
B
WHW1
B
t
B
WHWH1
B
Programming
Operation
Word
Typ
8
µs
t
B
WHW1
B
t
B
WHWH1
B
Accelerated Programming
Operation
(Word AND Byte Mode)
Typ
7
µs
t
B
WHW2
B
t
B
WHWH2
B
Sector Erase Operation
Typ
0.1
s
tVCS
Vcc Setup Time
Min
50
µs
tRB
Recovery Time from RY/BY#
Min
0
ns
Notes:
tWC is Not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn