Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EN29LV320C Datasheet(HTML) 43 Page - Eon Silicon Solution Inc.

Part No. EN29LV320C
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29LV320C Datasheet(HTML) 43 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 49 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
43
EN29LV320C
Rev. B, Issue Date: 2011/05/13
Table 22. ERASE AND PROGRAM PERFORMANCE
Limits
Parameter
Typ
Max
Unit
Comments
Sector Erase Time
0.1
2
sec
Chip Erase Time
8
70
sec
Excludes 00h programming prior to
erasure
Byte Programming Time
8
200
µs
Accelerated Byte/Word Program Time
7
200
µs
Word Programming Time
8
200
µs
Byte
33.6
100.8
Chip Programming Time
Word
16.8
50.4
sec
Excludes system level overhead
Erase/Program Endurance
100K
Cycles
Minimum 100K cycles
Notes:
1. Typical program and erase times assume the following conditions: room temperature, 3V and checkboard
pattern programmed.
2. Maximum program and erase times assume the following conditions: worst case Vcc, 90°C and 100,000 cycles.
Table 23. 48-PIN TSOP PACKAGE CAPACITANCE
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
C
B
IN
B
Input Capacitance
V
B
IN
B
= 0
6
7.5
pF
C
B
OUT
B
Output Capacitance
V
B
OUT
B
= 0
8.5
12
pF
C
B
IN2
B
Control Pin Capacitance
V
B
IN
B
= 0
7.5
9
pF
Note:
Test conditions are Temperature = 25°C and f = 1.0 MHz.
Table 24. DATA RETENTION
Parameter Description
Test Conditions
Min
Unit
150°C
10
Years
Data Retention Time
125°C
20
Years


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn