Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EN29LV320C Datasheet(HTML) 44 Page - Eon Silicon Solution Inc.

Part No. EN29LV320C
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29LV320C Datasheet(HTML) 44 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 49 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
44
EN29LV320C
Rev. B, Issue Date: 2011/05/13
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Storage Temperature
-65 to +150
°
C
Plastic Packages
-65 to +125
°
C
Ambient Temperature
With Power Applied
-55 to +125
°
C
Output Short Circuit Current
P
1
P
200
mA
A9, OE#, RESET#
P
P
and WP#/ACC
P
2
P
-0.5 to +11.5
V
All other pins
P
3
P
-0.5 to Vcc+0.5
V
Voltage with
Respect to Ground
Vcc
-0.5 to + 4.0
V
Notes:
1.
No more than one output shorted at a time. Duration of the short circuit should not be greater than one second.
2.
Minimum DC input voltage on A9, OE#, RESET# and WP#/ACC pins is –0.5V. During voltage transitions, A9, OE#, RESET#
and WP#/ACC pins may undershoot V
B
ssB to –1.0V for periods of up to 50ns and to –2.0V for periods of up to 20ns. See figure
below. Maximum DC input voltage on A9, OE#, and RESET# is 11.5V which may overshoot to 12.5V for periods up to 20ns.
3.
Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, inputs may undershoot V
B
ssB to –1.0V for periods of
up to 50ns and to –2.0 V for periods of up to 20ns. See figure below. Maximum DC voltage on output and I/O pins is V
B
ccB + 0.5
V. During voltage transitions, outputs may overshoot to V
B
ccB + 1.5 V for periods up to 20ns. See figure below.
4.
Stresses above the values so mentioned above may cause permanent damage to the device. These values are for a stress
rating only and do not imply that the device should be operated at conditions up to or above these values. Exposure of the
device to the maximum rating values for extended periods of time may adversely affect the device reliability.
RECOMMENDED OPERATING RANGES
P
1
P
Parameter
Value
Unit
Ambient Operating Temperature
Industrial Devices
-40 to 85
°
C
Operating Supply Voltage
Vcc
Full Voltage Range:
2.7 to 3.6V
V
1.
Recommended Operating Ranges define those limits between which the functionality of the device is guaranteed.
Vcc
+1.5V
Maximum Negative Overshoot
Maximum Positive Overshoot
Waveform
Waveform


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn