Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EN29LV320C Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

Part No. EN29LV320C
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN29LV320C Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 49 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
5
EN29LV320C
Rev. B, Issue Date: 2011/05/13
SA40
101000xxx
64/32
280000–28FFFF
140000–147FFF
SA41
101001xxx
64/32
290000–29FFFF
148000–14FFFF
SA42
101010xxx
64/32
2A0000–2AFFFF
150000–157FFF
SA43
101011xxx
64/32
2B0000–2BFFFF
158000–15FFFF
SA44
101100xxx
64/32
2C0000–2CFFFF
160000–167FFF
SA45
101101xxx
64/32
2D0000–2DFFFF
168000–16FFFF
SA46
101110xxx
64/32
2E0000–2EFFFF
170000–177FFF
SA47
101111xxx
64/32
2F0000–2FFFFF
178000–17FFFF
SA48
110000xxx
64/32
300000–30FFFF
180000–187FFF
SA49
110001xxx
64/32
310000–31FFFF
188000–18FFFF
SA50
110010xxx
64/32
320000–32FFFF
190000–197FFF
SA51
110011xxx
64/32
330000–33FFFF
198000–19FFFF
SA52
110100xxx
64/32
340000–34FFFF
1A0000–1A7FFF
SA53
110101xxx
64/32
350000–35FFFF
1A8000–1AFFFF
SA54
110110xxx
64/32
360000–36FFFF
1B0000–1B7FFF
SA55
110111xxx
64/32
370000–37FFFF
1B8000–1BFFFF
SA56
111000xxx
64/32
380000–38FFFF
1C0000–1C7FFF
SA57
111001xxx
64/32
390000–39FFFF
1C8000–1CFFFF
SA58
111010xxx
64/32
3A0000–3AFFFF
1D0000–1D7FFF
SA59
111011xxx
64/32
3B0000–3BFFFF
1D8000–1DFFFF
SA60
111100xxx
64/32
3C0000–3CFFFF
1E0000–1E7FFF
SA61
111101xxx
64/32
3D0000–3DFFFF
1E8000–1EFFFF
SA62
111110xxx
64/32
3E0000–3EFFFF
1F0000–1F7FFF
SA63
111111000
8/4
3F0000–3F1FFF
1F8000–1F8FFF
SA64
111111001
8/4
3F2000–3F3FFF
1F9000–1F9FFF
SA65
111111010
8/4
3F4000–3F5FFF
1FA000–1FAFFF
SA66
111111011
8/4
3F6000–3F7FFF
1FB000–1FBFFF
SA67
111111100
8/4
3F8000–3F9FFF
1FC000–1FCFFF
SA68
111111101
8/4
3FA000–3FBFFF
1FD000–1FDFFF
SA69
111111110
8/4
3FC000–3FDFFF
1FE000–1FEFFF
SA70
111111111
8/4
3FE000–3FFFFF
1FF000–1FFFFF
Note: The address bus is A20:A-1 in byte mode where BYTE# = V
B
IL
B
or A20:A0 in word mode where
BYTE# = V
B
IH
B
Table 2B. Top Boot Security Sector Address (EN29LV320CT)
Sector Address
A20 ~ A12
Sector Size
(bytes / words)
Address Range (h)
Byte mode (x8)
Address Range (h)
Word Mode (x16)
111111111
256 / 128
3FFF00–3FFFFF
1FFF80–1FFFFF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn