Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV320C Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN29LV320C
Description  32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV320C Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN29LV320C Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29LV320C Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
11
EN29LV320C
Rev. B, Issue Date: 2011/05/13
USER MODE DEFINITIONS
Word / Byte Configuration
The signal set on the BYTE# pin controls whether the device data I/O pins DQ15-DQ0 operate in the
byte or word configuration. When the BYTE# Pin is set at logic ‘1’, then the device is in word
configuration, DQ15-DQ0 are active and are controlled by CE# and OE#.
On the other hand, if the BYTE# Pin is set at logic ‘0’, then the device is in byte configuration, and only
data I/O pins DQ0-DQ7 are active and controlled by CE# and OE#. The data I/O pins DQ8-DQ14 are
tri-stated, and the DQ15 pin is used as an input for the LSB (A-1) address function.
Standby Mode
The EN29LV320C has a CMOS-compatible standby mode, which reduces the
B
current to
< 1µA (typical).
It is placed in CMOS-compatible standby when the CE# pin is at V
B
CC
B
± 0.5. RESET# and BYTE# pin
must also be at CMOS input levels. The device also has a TTL-compatible standby mode, which
reduces the maximum V
B
CC
B
current to < 1mA. It is placed in TTL-compatible standby when the CE# pin
is at V
B
IH
B
. When in standby modes, the outputs are in a high-impedance state independent of the OE#
input.
Automatic Sleep Mode
The EN29LV320C has an automatic sleep mode, which minimizes power consumption. The devices
will enter this mode automatically when the states of address bus remain stable for tacc + 30ns. ICC4 in
the DC Characteristics table shows the current specification. With standard access times, the device
will output new data when addresses change.
Read Mode
The device is automatically set to reading array data after device power-up or hardware reset. No
commands are required to retrieve data. The device is also ready to read array data after completing an
Embedded Program or Embedded Erase algorithm.
After the device accepts a Sector Erase Suspend command, the device enters the Sector Erase
Suspend mode. The system can read array data using the standard read timings, except that if it reads
at an address within erase-suspended sectors, the device outputs status data. After completing a
programming operation in the Sector Erase Suspend mode, the system may once again read array
data with the same exception. See “Sector Erase Suspend/Resume Commands” for more additional
information.
The system must issue the reset command to re-enable the device for reading array data if DQ5 goes
high or while in the autoselect mode. See the “Reset Command” for additional details.
Output Disable Mode
When the OE# pin is at a logic high level (V
B
IH
B
), the output from the EN29LV320C is disabled. The
output pins are placed in a high impedance state.
Autoselect Identification Mode
The autoselect mode provides manufacturer and device identification, and sector protection verification,
through identifier codes output on DQ15–DQ0. This mode is primarily intended for programming
equipment to automatically match a device to be programmed with its corresponding programming
algorithm. However, the autoselect codes can also be accessed in-system through the command
register.


Similar Part No. - EN29LV320C

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70B EON-EN29LV320AB-70B Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70BI EON-EN29LV320AB-70BI Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320AB-70BIP EON-EN29LV320AB-70BIP Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV320C

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320B EON-EN29LV320B_11 Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320A EON-EN29LV320A Datasheet
410Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com