Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC06XS3517 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC06XS3517
Description  Smart High Side Switch Module
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC06XS3517 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC06XS3517 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC06XS3517 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
06XS3517
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 06XS3517 Pin Connections
Table 1. 06XS3517 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on Page 17.
Pin
Number
Pin Name
Pin Function
Formal Name
Definition
1
FETIN
Input
External FET Input
This pin receives the current sense signal of the external SMART MOSFET.
2
IGN
Input
Ignition Input
(Active High)
This input wakes the device. It also controls the Outputs 1 and 2 in case of Fail
mode activation. This pin has an internal pull-down resistor.
3
RSTB
Input
Reset
This input wakes the device. It is also used to initialize the device configuration
and fault registers through SPI. This digital pin has a passive internal pull-down.
4
FLASHER
Input
Flasher Input
(Active High)
This input wakes the device and allows control over channel 5. (FLASHER) This
pin has an internal pull-down resistor.
5
CLOCK
Input/Output
Clock Input
This pin state depends on RSTB logic level.
As long as RSTB input pin is set to logic [0], this pin is pulled up to report wake
events. Otherwise, the PWM frequency and timing are generated from this
digital clock input by the PWM module.
This pin has a passive internal pull-down.
6
LIMP
Input
Limp Home Input
(Active High)
The Fail mode can be activated by this digital input. This pin has a passive
internal pull-down.
7
FOG
Input
FOG Input (Active
high)
This input wakes the device. This pin has a passive internal pull-down.
8
CSB
Input
Chip Select
(Active Low)
When this digital signal is high, SPI signals are ignored. Asserting this pin low
starts a SPI transaction. The transaction is signaled as completed when this
signal returns high. This pin has a passive internal pull-up resistance.
13
24
12
10
9
8
7
6
5
4
3
2
1
11
23
22
19
20
21
16
17
18
15
14
CP
GND
OUT5
OUT4
OUT3
OUT2
OUT1
GND
CSNS
GND
VBAT
Transparent
Top View


Similar Part No. - MC06XS3517

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC06XS3517AFK NXP-MC06XS3517AFK Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
More results

Similar Description - MC06XS3517

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
06XS3517_V3 FREESCALE-06XS3517_V3 Datasheet
1Mb / 42P
   Smart High Side Switch Module
logo
Fairchild Semiconductor
FDBS09H04A FAIRCHILD-FDBS09H04A Datasheet
1Mb / 19P
   Smart High Side Switch
logo
Bourns Electronic Solut...
FDDS100H06-F085 BOURNS-FDDS100H06-F085 Datasheet
407Kb / 16P
   Smart High Side Switch
logo
Infineon Technologies A...
ITS4141N INFINEON-ITS4141N Datasheet
444Kb / 19P
   Smart High-Side Power Switch
2006-03-09
BTS50040-2SFA INFINEON-BTS50040-2SFA Datasheet
1Mb / 29P
   Smart High-Side Power Switch
V2.0, 2016-02-02
BTS50060-1TEA INFINEON-BTS50060-1TEA_11 Datasheet
1Mb / 39P
   Smart High-Side Power Switch
Rev. 1.2, 2011-09-01
BTS5045-2EKA INFINEON-BTS5045-2EKA_11 Datasheet
1Mb / 54P
   Smart High-Side Power Switch
Rev. 2.1, 2011-09-01
BTS5030-1EJA INFINEON-BTS5030-1EJA Datasheet
2Mb / 53P
   Smart High-Side Power Switch
Rev. 2.2, 2013-09-06
BTS5020-1EKA INFINEON-BTS5020-1EKA Datasheet
2Mb / 55P
   Smart High-Side Power Switch
Rev. 2.2, 2013-11-12
BSP752R INFINEON-BSP752R_07 Datasheet
259Kb / 18P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com