Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F844XX Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC56F844XX
Description  MC56F844xx Advance
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F844XX Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC56F844XX Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F844XX Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F844XX Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F844XX Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F844XX Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F844XX Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F844XX Datasheet HTML 9Page - Freescale Semiconductor, Inc MC56F844XX Datasheet HTML 10Page - Freescale Semiconductor, Inc MC56F844XX Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
• Up to 16 KW FlexNVM, which can be used as additional program or data flash
memory
• Up to 1 KW FlexRAM, which can be configured as enhanced EEPROM (used in
conjunction with FlexNVM) or used as additional RAM
1.5 Interrupt Controller
• Five interrupt priority levels
• Three user programmable priority levels for each interrupt source: level 0, 1, 2
• Unmaskable level 3 interrupts include: illegal instruction, hardware stack
overflow, misaligned data access, SWI3 instruction
• Maskable level 3 interrupts include: EOnCE step counter, EOnCE breakpoint
unit, EOnCE trace buffer
• Lowest-priority software interrupt: level LP
• Support for nested interrupt: higher priority level interrupt request can interrupt
lower priority interrupt subroutine
• Masking of interrupt priority level managed by the 56800EX core
• Two programmable fast interrupts that can be assigned to any interrupt source
• Notification to System Integration Module (SIM) to restart clock when in wait and
stop states
• Ability to relocate interrupt vector table
Peripheral highlights
1.6.1 Enhanced Flex Pulse Width Modulator (eFlexPWM)
• Up to 12 output channels in each module
• 16 bits of resolution for center, edge aligned, and asymmetrical PWMs
• PWMA with accumulative fractional clock calculation
• Accumulative fractional clock calculation improves the resolution of the PWM
period and edge placement
• Arbitrary PWM edge placement
• Equivalent to 312 ps PWM frequency and duty-cycle resolution on average
• Each complementary pair can operate with its own PWM frequency base and
deadtime values
• 4 time base in each PWM module
• Independent top and bottom deadtime insertion for each complementary pair
• PWM outputs can operate as complementary pairs or independent channels
• Independent control of both edges of each PWM output
1.6
Peripheral highlights
MC56F844xx Advance Information Data Sheet, Rev. 2, 06/2012.
Freescale Semiconductor, Inc.
Preliminary
7
General Business Information


Similar Part No. - MC56F844XX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F84442VLH FREESCALE-MC56F84442VLH Datasheet
1,008Kb / 67P
   MC56F844xx Advance Information
More results

Similar Description - MC56F844XX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F84442VLH FREESCALE-MC56F84442VLH Datasheet
1,008Kb / 67P
   MC56F844xx Advance Information
MC56F847XX FREESCALE-MC56F847XX Datasheet
1Mb / 69P
   MC56F847xx Advance
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
logo
Freescale Semiconductor...
MC56F8455X FREESCALE-MC56F8455X Datasheet
1,016Kb / 67P
   MC56F8455x Advance
logo
Motorola, Inc
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com