Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F84452VLH Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 56F84452VLH
Description  MC56F844xx Advance
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F84452VLH Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 56F84452VLH Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F84452VLH Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F84452VLH Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F84452VLH Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F84452VLH Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F84452VLH Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F84452VLH Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F84452VLH Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F84452VLH Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
1.6.3 Inter-Module Crossbar and AND-OR-INVERT logic
• Provides generalized connections between and among on-chip peripherals: ADCs,
12-bit DAC, Comparators, Quad Timers, eFlexPWMs, PDBs, EWM, Quadrature
Decoder, and select I/O pins
• User-defined input/output pins for all modules connected to crossbar
• DMA request and interrupt generation from crossbar
• Write-once protection for all registers
• AND-OR-INVERT function that provides a universal Boolean function generator
using a four-term sum-of-products expression, with each product term containing
true or complement values of the four selected inputs (A, B, C, D).
1.6.4 Comparator
• Full rail-to-rail comparison range
• Support for high speed mode and low speed mode
• Selectable input source includes external pins and internal DACs
• Programmable output polarity
• 6-bit programmable DAC as voltage reference per comparator
• Three programmable hysteresis levels
• Selectable interrupt on rising edge, falling edge, or toggle of comparator output
1.6.5 12-bit Digital-to-Analog Converter
• 12-bit resolution
• Powerdown mode
• Automatic mode allows the DAC to automatically generate pre-programmed output
waveforms including square, triangle, and sawtooth waveforms for applications such
as slope compensation
• Programmable period, update rate, and range
• Output can be routed to an internal comparator, ADC, or optionally off chip
1.6.6 Quad Timer
• Four 16-bit up/down counters with programmable prescaler for each counter
• Operation modes: edge count, gated count, signed count, capture, compare, PWM,
signal shot, single pulse, pulse string, cascaded, quadrature decode
• Programmable input filter
• Counting start can be synchronized across counters
Peripheral highlights
MC56F844xx Advance Information Data Sheet, Rev. 2, 06/2012.
Freescale Semiconductor, Inc.
Preliminary
9
General Business Information


Similar Part No. - 56F84452VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F84540VLF FREESCALE-56F84540VLF Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84543VLH FREESCALE-56F84543VLH Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84550VLF FREESCALE-56F84550VLF Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84553VLH FREESCALE-56F84553VLH Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84565VLK FREESCALE-56F84565VLK Datasheet
1,019Kb / 68P
   MC56F8458x Advance
More results

Similar Description - 56F84452VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F84442VLH FREESCALE-MC56F84442VLH Datasheet
1,008Kb / 67P
   MC56F844xx Advance Information
MC56F847XX FREESCALE-MC56F847XX Datasheet
1Mb / 69P
   MC56F847xx Advance
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
logo
Freescale Semiconductor...
MC56F8455X FREESCALE-MC56F8455X Datasheet
1,016Kb / 67P
   MC56F8455x Advance
logo
Motorola, Inc
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com