Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F84442VLH Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 56F84442VLH
Description  MC56F844xx Advance
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F84442VLH Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 56F84442VLH Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F84442VLH Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
• 32-bit arithmetic and logic multi-bit shifter
• Four 36-bit accumulators, including extension bits
• Parallel instruction set with unique DSP addressing modes
• Hardware DO and REP loops
• Bit reverse address mode, effectively supporting DSP and Fast Fourier Transform
algorithms
• Full shadowing of the register stack for zero-overhead context saves and restores:
nine shadow registers corresponding to the R0, R1, R2, R3, R4, R5, N, N3, and M01
address registers
• Instruction set supporting both DSP and controller functions
• Controller-style addressing modes and instructions for compact code
• Enhanced bit manipulation instruction set
• Efficient C compiler and local variable support
• Software subroutine and interrupt stack with depth limited only by memory
• Priority level setting for interrupt levels
• JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, real-time debugging
that is independent of processor speed
1.3 Operation Parameters
• Up to 60 MHz operation at -40 °C to 105 °C ambient temperature
• Single 3.3 V power supply
• Supply range: VDD - VSS = 2.7 V to 3.6 V, VDDA - VSSA = 2.7 V to 3.6 V
1.4 On-Chip Memory and Memory Protection
• Modified dual Harvard architecture permits as many as three simultaneous accesses
to program and data memory
• Internal flash memory with security and protection to prevent unauthorized access
• Memory resource protection (MRP) unit to protect supervisor programs and
resources from user programs
• Programming code can reside in flash memory during flash programming
• The dual-ported RAM controller supports concurrent instruction fetches and data
accesses, or dual data accesses, by the DSC core.
• Concurrent accesses provide increased performance.
• The data and instruction arrive at the core in the same cycle, reducing latency.
• On-chip memory
• Up to 128 KW program/data flash memory
• Up to 16 KW dual port data/program RAM
Overview
MC56F844xx Advance Information Data Sheet, Rev. 2, 06/2012.
6
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - 56F84442VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F84540VLF FREESCALE-56F84540VLF Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84543VLH FREESCALE-56F84543VLH Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84550VLF FREESCALE-56F84550VLF Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84553VLH FREESCALE-56F84553VLH Datasheet
1,016Kb / 67P
   MC56F8455x Advance
56F84565VLK FREESCALE-56F84565VLK Datasheet
1,019Kb / 68P
   MC56F8458x Advance
More results

Similar Description - 56F84442VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F84442VLH FREESCALE-MC56F84442VLH Datasheet
1,008Kb / 67P
   MC56F844xx Advance Information
MC56F847XX FREESCALE-MC56F847XX Datasheet
1Mb / 69P
   MC56F847xx Advance
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
logo
Freescale Semiconductor...
MC56F8455X FREESCALE-MC56F8455X Datasheet
1,016Kb / 67P
   MC56F8455x Advance
logo
Motorola, Inc
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com