Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51QU32VHS Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCF51QU32VHS
Description  MCF51QU128
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51QU32VHS Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF51QU32VHS Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51QU32VHS Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51QU32VHS Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51QU32VHS Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51QU32VHS Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51QU32VHS Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51QU32VHS Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51QU32VHS Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51QU32VHS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
Field
Description
Values
MMM
Memory size (program flash memory)1
• 32 = 32 KB
• 64 = 64 KB
• 128 = 128 KB
T
Temperature range, ambient (°C)
V = –40 to 105
PP
Package identifier
• FM = 32 QFN (5 mm x 5 mm)
• HS = 44 Laminate QFN (5 mm x 5
mm)
• LF = 48 LQFP (7 mm x 7 mm)
• LH = 64 LQFP (10 mm x 10 mm)
1. All parts also have FlexNVM, FlexRAM, and RAM.
2.4 Example
This is an example part number:
MCF51QU128VLH
Terminology and guidelines
3.1 Definition: Operating requirement
An operating requirement is a specified value or range of values for a technical
characteristic that you must guarantee during operation to avoid incorrect operation and
possibly decreasing the useful life of the chip.
3.1.1 Example
This is an example of an operating requirement, which you must meet for the
accompanying operating behaviors to be guaranteed:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply
voltage
0.9
1.1
V
3
Terminology and guidelines
MCF51QU128 Data Sheet, Rev. 4, 01/2012.
4
Freescale Semiconductor, Inc.


Similar Part No. - MCF51QU32VHS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51QU32VHS FREESCALE-MCF51QU32VHS Datasheet
999Kb / 67P
   Advance Information Temperature range (ambient): -40째C to 105째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com