Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6050-5 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TDA6050-5
Description  Video IF with FPLL, MAC State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA6050-5 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TDA6050-5 Datasheet HTML 1Page - Siemens Semiconductor Group TDA6050-5 Datasheet HTML 2Page - Siemens Semiconductor Group TDA6050-5 Datasheet HTML 3Page - Siemens Semiconductor Group TDA6050-5 Datasheet HTML 4Page - Siemens Semiconductor Group TDA6050-5 Datasheet HTML 5Page - Siemens Semiconductor Group TDA6050-5 Datasheet HTML 6Page - Siemens Semiconductor Group TDA6050-5 Datasheet HTML 7Page - Siemens Semiconductor Group TDA6050-5 Datasheet HTML 8Page - Siemens Semiconductor Group TDA6050-5 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Semiconductor Group
67
TDA 6050-5
DC Characteristics
TA = 0 to 85 ˚C; VS = 12 V
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Total current
consumption
I17
51
mA
IF input
V1, V2,
V19, V20
5.7
6.0
6.3
V
IF switch
H or open = IF 1
L = IF 2
± I
3
V3
V3
120
2.0
0.0
210
260
5.0
1.0
µA
V
V
V3 = 0 V, 5 V
Standard switch
H level
L level
B/G standard
L standard
MAC standard
± I
8
± I
16
V8, V16
V8, V16
120
2
0
210
260
5
1
µA
V
V
V8, V16 = 0 V, 5 V
V8 = H V16 = H
V8 = L V16 = H
V8 = H V16 = L
AGC Voltage
Min. AGC
Max. AGC
V6
V6
0.0
0.1
2.8
0.5
4.0
V
V
V1-2, V19-20 =
0 Vrms
V1-2, V19-20 = 150 mVrms
AGC-Time Constant with Neg. Modulation
Charge current
Discharge current
Charge/discharge
ratio
I6
I6
I
6
1.1
13
55
1.4
18
82
1.9
23
140
mA
µA
V6 = 2.0 V, V15 ≤ 3.2 V
V6 = 2.0 V, V15 ≥ 4.2 V
AGC-Time Constant with Pos. Modulation
Charge current
Discharge current
Discharge current
(Average control)
Charge/discharge
ratio
I6
I6
I6
I
6
1.1
0.15
70
4000
1.4
0.25
85
5600
1.9
0.35
120
9000
mA
µA
µA
V6 = 2.0 V, V15 ≥ 7.0 V
V6 = 2.0 V, 5.2 V < V15 < 6.5 V
V6 = 2.0 V, V15 < 3.9 V
Mean Value Generation with Pos. Modulation
White level
Zero carrier level
V7
V7
4.9
3.3
5.7
3.7
6.5
4.1
V
V
V1-2, V19-20 = 10 mVrms
V1-2, V19-20 = 0 Vrms


Similar Part No. - TDA6050-5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
More results

Similar Description - TDA6050-5

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4460BG TEMIC-U4460BG Datasheet
166Kb / 9P
   Video IF Amplifier with FPLL Demodulation
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
logo
STMicroelectronics
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
   VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
October 1993
logo
NXP Semiconductors
TDA5510-2 PHILIPS-TDA5510-2 Datasheet
138Kb / 5P
   Video IF IC with VTR Connection
logo
STMicroelectronics
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
   VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
STV8211 STMICROELECTRONICS-STV8211 Datasheet
113Kb / 8P
   VIDEO & SOUND IF SYSTEM
TDA8213 STMICROELECTRONICS-TDA8213 Datasheet
131Kb / 8P
   VIDEO & SOUND IF SYSTEM
logo
NTE Electronics
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
National Semiconductor ...
TDA440 NSC-TDA440 Datasheet
202Kb / 4P
   TDA440 Video IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com