Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67000-A9303 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q67000-A9303
Description  1-A DC Motor Driver for Servo Driver Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A9303 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button Q67000-A9303 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-A9303 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-A9303 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A9303 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A9303 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A9303 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A9303 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A9303 Datasheet HTML 9Page - Siemens Semiconductor Group Q67000-A9303 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TLE 4206
Semiconductor Group
6
1998-02-01
Electrical Characteristics
8 V <
V
S < 18 V; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C
(unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ. max.
Current Consumption
Supply current
I
S
–12
20
mA
Supply current
I
S
–20
30
mA
I
OUT1 = 0.4 A
I
OUT2 = – 0.4 A
Supply current
I
S
–30
50
mA
I
OUT1 = 0.8 A
I
OUT2 = – 0.8 A
Over- and Under Voltage Lockout
UV Switch ON voltage
V
UV ON
–7.4
8
V
V
S increasing
UV Switch OFF voltage
V
UV OFF
66.9
V
V
S decreasing
UV ON/OFF Hysteresis
V
UVHY
–0.5
V
V
UV ON VUV OFF
OV Switch OFF voltage
V
OV OFF
–20.5 23
V
V
S increasing
OV Switch ON voltage
V
OV ON
17.5
20
V
V
S decreasing
OV ON/OFF Hysteresis
V
OVHY
–0.5
V
V
OV OFF VOV ON


Similar Part No. - Q67000-A9303

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-A9310-A702 SIEMENS-Q67000-A9310-A702 Datasheet
472Kb / 39P
   High Performance Power Combi Controller
logo
Infineon Technologies A...
Q67000-A9324 INFINEON-Q67000-A9324 Datasheet
214Kb / 23P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
More results

Similar Description - Q67000-A9303

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
   1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4206G INFINEON-TLE4206G Datasheet
607Kb / 15P
   1-A DC Motor Driver for Servo Driver Applications TLE 4206G
V1.1 2007-08-10
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
   DC Motor Driver for Servo Driver Applications
2000-09-05
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
   DC Motor Driver for Servo Driver Applications
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_17 Datasheet
469Kb / 15P
   0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
logo
Siemens Semiconductor G...
TLE4205 SIEMENS-TLE4205 Datasheet
133Kb / 13P
   1-A DC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com