Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4208G Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4208G
Description  1-A Quad-HBD (Quad-Half-Bridge Driver)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4208G Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4208G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 9Page - Siemens Semiconductor Group TLE4208G Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TLE 4208
Semiconductor Group
6
1998-06-03
Electrical Characteristics
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Voltages
Supply voltage
V
S12,
V
S34
– 0.3
45
V
Supply voltage
V
S12,
V
S34
– 1
V
t < 0.5 s;
I
S12, IS34 > – 2 A
Logic input voltages
(IN1; IN2; INH
12;
IN3; IN4; INH
34)
V
I
– 5
20
V
0V <
V
S12, VS34 < 45 V
Logic output voltage
(EF
12; EF34)
V
EF12,
V
EF34
– 0.3
20
V
0 V <
V
S12, VS34 < 45 V
Currents
Output current (cont.)
I
OUT1-4
A
internally limited
Output current (peak)
I
OUT1-4
A
internally limited
Output current (diode)
I
OUT1-4
–1
1
A
Output current (EF)
I
EF12-34
–2
5
mA
Temperatures
Junction temperature
T
j
– 40
150
°C–
Storage temperature
T
stg
– 50
150
°C–
Thermal Resistances
Junction pin
R
thj-pin
25
K/W
measured to pin 7
Junction ambient
R
thjA
65
K/W


Similar Part No. - TLE4208G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G Datasheet
113Kb / 14P
   1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
   1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
TLE4208G INFINEON-TLE4208G Datasheet
1Mb / 16P
   Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
   Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
More results

Similar Description - TLE4208G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
   1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
TLE4208 INFINEON-TLE4208 Datasheet
113Kb / 14P
   1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
logo
Siemens Semiconductor G...
TLE4207 SIEMENS-TLE4207 Datasheet
147Kb / 14P
   1-A Dual-HBD (Dual-Half-Bridge Driver)
logo
Infineon Technologies A...
TLE4207G INFINEON-TLE4207G_17 Datasheet
370Kb / 15P
   1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
TLE4207G INFINEON-TLE4207G Datasheet
347Kb / 15P
   1-A Dual-HBD (Dual-Half-Bridge Driver) TLE4207G
Rev. 1.1, 2008-01-08
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
   Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE8444SL INFINEON-TLE8444SL Datasheet
539Kb / 32P
   Quad Half-Bridge Driver IC
Rev. 1.1, July 2009
logo
STMicroelectronics
L9947 STMICROELECTRONICS-L9947 Datasheet
115Kb / 13P
   QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com