Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4261-2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4261-2
Description  5-V Low-Drop Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4261-2 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4261-2 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
P-TO220-7-1
P-DSO-20-6
P-TO220-7-8
5-V Low-Drop Voltage Regulator
TLE 4261-2
Semiconductor Group
1
1998-11-01
Features
• High accuracy 5 V
± 2%
• Very low-drop voltage
• Very low quiescent current
• Low starting-current consumption
• Proof against reverse polarity
• Input voltage up to 42 V
• Overvoltage protection up to 65 V (
400 ms)
• Short-circuit-proof
• External setting of reset delay
• Integrated watchdog circuit
• Wide temperature range
• Overtemperature protection
• Suitable for automotive use
• EMC proofed (100 V/m)
w Please also refer to the new pin compatible device
TLE 4271
Type
Ordering Code
Package
w TLE 4261-2
Q67000-A9110
P-TO220-7-1
w TLE 4261-2 G
Q67000-A9140
P-DSO-20-6
(SMD)
w TLE 4261-2 GL
Q67006-A9193
P-TO220-7-8
(SMD)
Functional Description
TLE 4261-2 is a high accuracy 5-V low-drop voltage regulator in a P-TO220-7 or in a P-
DSO package. The maximum input voltage is 42 V (65 V/
≤ 400 ms). The device can
produce an output current of more than 500 mA. It is short-circuit-proof and incorporates
temperature protection that disables the circuit at impermissibly high temperatures.


Similar Part No. - TLE4261-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4261 SIEMENS-TLE4261 Datasheet
122Kb / 18P
   5-V Low-Drop Voltage Regulator
TLE4261G SIEMENS-TLE4261G Datasheet
122Kb / 18P
   5-V Low-Drop Voltage Regulator
TLE4261S SIEMENS-TLE4261S Datasheet
122Kb / 18P
   5-V Low-Drop Voltage Regulator
More results

Similar Description - TLE4261-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com