Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT6780 Datasheet(PDF) 6 Page - ADTech

Part # ADT6780
Description  Thermally enhanced Low VFB Step-Down LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6780 Datasheet(HTML) 6 Page - ADTech

Back Button ADT6780 Datasheet HTML 2Page - ADTech ADT6780 Datasheet HTML 3Page - ADTech ADT6780 Datasheet HTML 4Page - ADTech ADT6780 Datasheet HTML 5Page - ADTech ADT6780 Datasheet HTML 6Page - ADTech ADT6780 Datasheet HTML 7Page - ADTech ADT6780 Datasheet HTML 8Page - ADTech ADT6780 Datasheet HTML 9Page - ADTech ADT6780 Datasheet HTML 10Page - ADTech Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Jul. 12. 2012 / Preliminary
6/13
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6780
Thermally enhanced Low V
FB Step-Down LED Driver
VEN
5V/div
VOUT
2V/div
VSW
10V/div
ILED
1A/div
1㎳/div
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
2040
6080
100
PWM Dimming Duty (%)
PWM Dimming Through Enable
(C4 open, PWM Frequency=500Hz, Duty=50%)
LED Current vs PWM Dimming Duty
(C4 open, PWM Frequency=500Hz)
Enable Start-up
(C4=100nF)
VSW
10V/div
VEN
5V/div
VOUT
2V/div
ILED
0.5A/div
1㎳/div
VSW
10V/div
VEN
5V/div
VOUT
2V/div
ILED
0.5A/div
40㎲/div
Enable Turn-off
(C4=100nF)
Enable Start-up
(C4 open)
VSW
10V/div
VEN
5V/div
VOUT
2V/div
ILED
0.5A/div
40㎲/div
Enable Turn-off
(C4 open)
VSW
10V/div
VEN
5V/div
VOUT
2V/div
ILED
0.5A/div
40㎲/div
Typical Operating Characteristics
VIN=12V, Load : 1A / one 4W White LED and Ta=25℃, unless otherwise noted


Similar Part No. - ADT6780

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6780_CN ADTECH-ADT6780_CN Datasheet
683Kb / 13P
   Thermally enhanced Low VFB Step-Down LED Driver
More results

Similar Description - ADT6780

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6780_CN ADTECH-ADT6780_CN Datasheet
683Kb / 13P
   Thermally enhanced Low VFB Step-Down LED Driver
logo
Luminus, Inc
CBT-90TE LUMINUS-CBT-90TE Datasheet
1Mb / 15P
   Thermally Enhanced LED Chipset
PT-54-TE LUMINUS-PT-54-TE Datasheet
2Mb / 15P
   Thermally Enhanced LED Projection Chipset
PT-40-TE LUMINUS-PT-40-TE Datasheet
2Mb / 14P
   Thermally Enhanced LED Projection Chipset
logo
Unisonic Technologies
UD05123 UTC-UD05123 Datasheet
193Kb / 4P
   2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
LT3596 LINER-LT3596 Datasheet
435Kb / 20P
   60V Step-Down LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com