Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4270 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE4270
Description  5-V Low-Drop Fixed Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4270 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE4270 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TLE 4270
Semiconductor Group
3
1998-11-01
Application Description
The IC regulates an input voltage in the range of 5.5 V
< V
I < 36 V to VQnom =5.0 V. Up
to 26 V it produces a regulated output current of more than 550 mA. Above 26 V the
save-operating-area protection allows operation up to 36 V with a regulated output
current of more than 300 mA. Overvoltage protection limits operation at 42 V. The
overvoltage protection hysteresis restores operation if the input voltage has dropped
below 36 V. A reset signal is generated for an output voltage of
V
Q < 4.5 V. The delay for
power-on reset can be set externally with a capacitor.
Design Notes for External Components
An input capacitor
C
I is necessary for compensation of line influences. The resonant
circuit consisting of lead inductance and input capacitance can be damped by a resistor
of approx. 1
Ω in series with C
I. An output capacitor CQ is necessary for the stability of
the regulating circuit. Stability is guaranteed at values of
C
Q ≥ 22 µF and an ESR of
< 3 Ω.
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives
the base of a series transistor via a buffer. Saturation control as a function of the load
current prevents any over-saturation of the power element.
If the output voltage decreases below 4.5 V, an external capacitor
C
D on pin 4 (D) will be
discharged by the reset generator. If the voltage on this capacitor drops below
V
DRL, a
reset signal is generated on pin 2 (RO), i.e. reset output is set low. If the output voltage
rises above 4.5 V,
C
D will be charged with constant current. After the power-on-reset time
the voltage on the capacitor reaches
V
DU and the reset output will be set high again. The
value of the power-on-reset time can be set within a wide range depending of the
capacitance of
C
D.
The IC also incorporates a number of internal circuits for protection against:
• Overload
• Overvoltage
• Overtemperature
• Reverse polarity


Similar Part No. - TLE4270

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4270-2 INFINEON-TLE4270-2 Datasheet
252Kb / 17P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
TLE4270-2D INFINEON-TLE4270-2D Datasheet
252Kb / 17P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
TLE4270-2G INFINEON-TLE4270-2G Datasheet
252Kb / 17P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
More results

Similar Description - TLE4270

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com