Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4271 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4271
Description  5-V Low-Drop Fixed Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4271 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4271 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4271 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TLE 4271
Semiconductor Group
6
1998-11-01
Optimum reliability and life time are guaranteed if the junction temperature does not
exceed 125
°C in operating mode. Operation at up to the maximum junction temperature
of 150
°C is possible in principle. Note, however, that operation at the maximum
permitted ratings could affect the reliability of the device.
Operating Range
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Input voltage
V
I
640
V
Junction temperature
T
j
– 40
150
°C–
Thermal Resistance
Junction ambient
R
thja
–65
70
K/W
K/W
SMD version
Junction case
R
thjc
Z
thjc
3
6
2
K/W
K/W
K/W
P-TO220-7-8
t
< 1ms


Similar Part No. - TLE4271

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4271 INFINEON-TLE4271 Datasheet
178Kb / 23P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 2.4 2001-04-04
TLE4271-2 INFINEON-TLE4271-2 Datasheet
178Kb / 23P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 2.4 2001-04-04
TLE4271-2 INFINEON-TLE4271-2 Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4271-2G INFINEON-TLE4271-2G Datasheet
178Kb / 23P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 2.4 2001-04-04
TLE4271-2G INFINEON-TLE4271-2G Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
More results

Similar Description - TLE4271

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com