Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67000-A9190 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67000-A9190
Description  5-V Low-Drop Fixed Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A9190 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67000-A9190 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-A9190 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-A9190 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-A9190 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A9190 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A9190 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A9190 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A9190 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A9190 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLE 4269
Semiconductor Group
5
1998-11-01
Circuit Description
The control amplifier compares a reference voltage, made highly accurate by resistance
balancing, with a voltage proportional to the output voltage and drives the base of the
series PNP transistor via a buffer. Saturation control as a function of the load current
prevents any over-saturation of the power element.
In the reset generator block a comparator compares a reference voltage independent of
the input voltage with the scaled-down output voltage. If the output voltage reaches 4.6 V
the reset delay capacitor is discharged and the reset output is set to low. This low is
guaranteed down to an output voltage of 1 V. As the output voltage increases again,
from 4.6 V onward the reset delay capacitor is charged with constant current. When the
capacitor voltage reaches the upper switching threshold
V
dT, the reset returns to high. By
choosing the value of this capacitor, the reset delay time can be selected over a wide
range. With the reset threshold input RE it is possible to lower the reset threshold
V
rt. If
pin RE is connected to pin Q via a voltage divider, for example, the reset condition is
reached when this voltage is decreased below the switching threshold
V
re of 1.35 V.
Another comparator compares the signal of the pin SI, normally fed by a voltage divider
from the input voltage, with the reference and gives an early warning on the pin SO. It is
also possible to superwise an other voltage e.g. of a second regulator, or to build a
watchdog circuit with few external components.
Application Description
The input capacitor
C
I is necessary for compensating line influences. Using a resistor of
approx. 1
Ω in series with C
I, the oscillating circuit consisting of input inductivity and input
capacitance can be damped. The output capacitor C
Q is necessary for the stability of the
regulating circuit. Stability is guaranteed at values
≥ 10 µF and an ESR ≤ 10 Ω within the
operating temperature range. For small tolerances of the reset delay the spread of the
capacitance of the delay capacitor and its temperature coefficient should be noted.


Similar Part No. - Q67000-A9190

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-A9101 SIEMENS-Q67000-A9101 Datasheet
100Kb / 12P
   4-A DC Motor Driver
Q67000-A9103 SIEMENS-Q67000-A9103 Datasheet
142Kb / 22P
   2.5-A High Performance Smart Power Stepper-Motor Driver with Diagnostic Interface
Q67000-A9108 SIEMENS-Q67000-A9108 Datasheet
180Kb / 14P
   Intelligent Sixfold Low-Side Switch
Q67000-A9109 SIEMENS-Q67000-A9109 Datasheet
122Kb / 18P
   5-V Low-Drop Voltage Regulator
Q67000-A9110 SIEMENS-Q67000-A9110 Datasheet
132Kb / 18P
   5-V Low-Drop Voltage Regulator
More results

Similar Description - Q67000-A9190

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com