Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4278G Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TLE4278G
Description  5-V Low-Drop Fixed Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4278G Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TLE4278G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4278G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TLE 4278 G
Semiconductor Group
2
1998-11-01
Two additional features of the TLE 4278 are a load dependent watchdog function as well
as a power on reset and under voltage reset function with an adjustable reset delay time
and adjustable reset switching threshold.
The watchdog function monitors whether the microcontroller is functioning appropriately,
including time base failures. In the case that there is no positive-going edge within a
certain pulse repetition-time the watchdog output is set to LOW. Programming of the
max. repetition time is done by the reset delay capacitor so that no additional external
components are necessary. To prevent the microcontroller from a automatic reset in
case of missing pulses, the watchdog output WO is separated from the reset output RO
for the TLE 4278. The watchdog output can be used as an interrupt signal for the
microcontroller. Pin WO can be externally connected to pin RO.
When the controller is set to sleep mode or low power mode its current consumption
drops and no watchdog pulses are created. In order to prevent the microcontroller from
unnecessary wake ups due to missing pulses at pin WI the watchdog feature can be
disabled as a function of the load. The switch off threshold is set by an external resistor
to pin WADJ. This function can also be used as a timer, which periodically wakes up the
controller. Therefore the pin WADJ has to be connected to the output Q.
The power on reset feature is necessary for a defined start of the microprocessor when
switching on the application. For a certain delay time after the output voltage of the
regulator has surpassed the reset threshold, a reset signal is generated. The delay time
is set by an external delay capacitor. The under voltage reset circuit supervises the
output voltage. In case VQ falls below the reset threshold the reset output is set LOW
after a short reaction time. The reset LOW signal is generated down to an output voltage
VQ of 1 V. In addition the reset switching threshold can be adjusted by an external
voltage divider. This feature is useful with microprocessors which guarantee a safe
operation down to voltages below the internally set reset threshold of 4.65 V typical.


Similar Part No. - TLE4278G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4278G INFINEON-TLE4278G Datasheet
212Kb / 20P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.4, 2007-02-19
TLE4278G INFINEON-TLE4278G_07 Datasheet
212Kb / 20P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.4, 2007-02-19
More results

Similar Description - TLE4278G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com