Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPTM1CR-438 Datasheet(PDF) 6 Page - Tyco Electronics

Part # HPTM1CR-438
Description  RFID (Radio Frequency Identification)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HPTM1CR-438 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button HPTM1CR-438 Datasheet HTML 2Page - Tyco Electronics HPTM1CR-438 Datasheet HTML 3Page - Tyco Electronics HPTM1CR-438 Datasheet HTML 4Page - Tyco Electronics HPTM1CR-438 Datasheet HTML 5Page - Tyco Electronics HPTM1CR-438 Datasheet HTML 6Page - Tyco Electronics HPTM1CR-438 Datasheet HTML 7Page - Tyco Electronics HPTM1CR-438 Datasheet HTML 8Page - Tyco Electronics HPTM1CR-438 Datasheet HTML 9Page - Tyco Electronics HPTM1CR-438 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
169
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
AL-AN, ACR-400, POLY-A200 and POLY-A400
Laser Markable Labels
Specifications
AL-AN
Operating temperature range
–40°C to +120°C
–40°F to +302°F
Thickness:
Film: 0.076mm (
0.003 in.)
Adhesive: 0,05mm (
0.002 in.)
Liner: 62 lb Densified kraft
Tolerance: ±10%
Type of alloy: 1100
ACR-400 POLY
Operating temperature range
–50°C to +200°C
–58°F to +392°F
Thickness:
Film: 0.118mm (
0.004 in.)
Adhesive: 0,05mm (
0.002 in.)
Liner: Compressed paper, plastic coated,
dimensionally stable
Tolerance: ±10%
POLY-A200
Operating temperature range
–40°C to +125°C
–40°F to +257°F
Thickness:
Film: 0.066mm (
0.026 in.)
Adhesive: 0,026mm (
0.001 in.)
Liner: 78 lb semi-bleached clay coated
mando liner
Tolerance: ±10%
POLY-A400
Operating temperature range
–40°C to +125°C
–40°F to +257°F
Thickness:
Film: 0.109mm (
0.043 in.)
Adhesive: 0,026mm (
0.001 in.)
Liner: 78 lb semi-bleached clay coated
mando liner
Tolerance: ±10%
Recommended Marking System
Tyco Electronics LMS6000, LMS9000 or other approved Nd: YAG laser marking
systems
ANODIZED ALUMINUM – TTDS-131
DIE CUT SIZE
PART NUMBERS
Colors
0.50" x 0.50"
AL-AN-127127-0.50-0
Red
1.50" x 0.50"
AL-AN-381127-1.5-0
Blue
1.825" x 1.00"
AL-AN-381191-1.25-0
Black
1.50" x 0.750"
AL-AN-445191-1.25-0
Green
1.75" x 0.750"
AL-AN-464254-1-0
2.00" x 1.00"
AL-AN-508254-1-0
2.50" x 1.50"
AL-AN-635381-0.75-0
POLY A200 – TTDS-130
DIE CUT SIZE
PART NUMBERS
Colors
0.50" x 0.50"
POLY-A200-127127-0.50-0
Black
1.50" x 0.50"
POLY-A200-381127-1.5-0
1.825" x 1.00"
POLY-A200-381191-1.25-0
1.50" x 0.750"
POLY-A200-445191-1.25-0
1.75" x 0.750"
POLY-A200-464254-1-0
2.00" x 1.00"
POLY-A200-508254-1-0
2.50" x 1.50"
POLY-A200-635381-0.75-0
POLY A400 – TTDS-129
DIE CUT SIZE
PART NUMBERS
Colors
0.50" x 0.50"
POLY-A400-127127-0.50-9
Black
1.50" x0.50"
POLY-A400-381127-1.5-9
1.825" x 1.00"
POLY-A400-381191-1-25-9
1.50" x 0.750"
POLY-A400-445191-1.25-9
1.75" x 0.750"
POLY-A400-464254-1-9
2.00" x 1.00"
POLY-A400-508254-1-9
2.50" x 1.50"
POLY-A400-635381-0.75-9
ACR-400 Polyester – TTDS-139
DIE CUT SIZE
PART NUMBERS
Colors
0.50" x 0.50"
TYCO-ACR-127127-0.50-0
Black
1.50" x0 50"
TYCO-ACR-381127-1.5-0
1.825" x 1.00"
TYCO-ACR-381191-1-25-0
1.50" x 0.750"
TYCO-ACR-445191-1-25-0
1.75" x 0.750"
TYCO-ACR-464254-1-0
2.00" x 1.00"
TYCO-ACR-508254-1-0
2.50" x 1.50"
TYCO-ACR-635381-0.75-0
All labels listed above can be purchased in matte or gloss finishes.
Other materials can be optimized by Tyco Electronics.
Please contact your sales engineer.


Similar Part No. - HPTM1CR-438

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPT ETC2-HPT Datasheet
925Kb / 14P
   CONTACTOR 60 AMP
logo
PREMO CORPORATION S.L
HPT-001 PREMO-HPT-001 Datasheet
122Kb / 1P
   High power planar transformers for HV systems
HPT-001 PREMO-HPT-001_14 Datasheet
121Kb / 1P
   High power planar transformers for HV systems
HPT-002 PREMO-HPT-002 Datasheet
122Kb / 1P
   High power planar transformers for HV systems
HPT-003 PREMO-HPT-003 Datasheet
122Kb / 1P
   High power planar transformers for HV systems
More results

Similar Description - HPTM1CR-438

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
E5530 TEMIC-E5530 Datasheet
72Kb / 5P
   128-Bit IDIC for Radio Frequency Identification
logo
EM Microelectronic - MA...
EM4223 EMMICRO-EM4223 Datasheet
426Kb / 29P
   Read-only UHF Radio Frequency Identification Device
logo
Texas Instruments
TRF7960 TI-TRF7960 Datasheet
354Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960 TI-TRF7960_07 Datasheet
278Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
logo
Microsemi Corporation
1N276 MICROSEMI-1N276 Datasheet
63Kb / 1P
   Optimized for Radio Frequency Response
1N277 MICROSEMI-1N277 Datasheet
63Kb / 1P
   Optimized for Radio Frequency Response
logo
ATMEL Corporation
U4256BM ATMEL-U4256BM Datasheet
167Kb / 14P
   Frequency Synthesizer for Radio Tuning
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
TEMIC Semiconductors
U4256BM TEMIC-U4256BM Datasheet
322Kb / 14P
   Frequency Synthesizer for Radio Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com