Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPTM1CR-500 Datasheet(PDF) 9 Page - Tyco Electronics

Part # HPTM1CR-500
Description  RFID (Radio Frequency Identification)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HPTM1CR-500 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button HPTM1CR-500 Datasheet HTML 5Page - Tyco Electronics HPTM1CR-500 Datasheet HTML 6Page - Tyco Electronics HPTM1CR-500 Datasheet HTML 7Page - Tyco Electronics HPTM1CR-500 Datasheet HTML 8Page - Tyco Electronics HPTM1CR-500 Datasheet HTML 9Page - Tyco Electronics HPTM1CR-500 Datasheet HTML 10Page - Tyco Electronics HPTM1CR-500 Datasheet HTML 11Page - Tyco Electronics HPTM1CR-500 Datasheet HTML 12Page - Tyco Electronics HPTM1CR-500 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
172
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HPKTM Adhesive-backed polypropylene tags for thermal transfer printing
Rail-Signal Products
HPKTM 1C R - 500
Part numbering system
Hole diameter (inches)
Hole position (L = left, R = right)
Number of holes (circular)
Product family
Tyco Electronics HPKTM is a semi-rigid polypropylene film with a
permanent acrylic adhesive that is designed for application to
control panel backboards for rail signal circuit identification. The
standard 1.0
" hole pitch design meets AAR terminal post
specifications and makes installation fast and convenient. HPKTM
adheres to most smooth surfaces including bare and painted
metal, as well as painted plywood used for rail signal terminal
boards. It is resistant to common fluids, lubricants and solvents.
For reliable print performance and durability, use with Tyco
Electronics’s RHD series ribbon.
Features and benefits
I Self-adhesive backing for quick and easy fixing
I Thermal transfer printable
I Recommended for indoor use
I Resistant to common fluids, lubricants and solvents
Temperature rating
Operating temperature range
–29°C to +80°C
–20°F to +176°F
Specifications/approvals
Industry
AAR Terminal Post
Printer information
Tyco Electronics printer
T308S* (thermal transfer)
Tyco Electronics ribbon
1330-0607-10* (thermal transfer)
*Alternative printers and ribbons are available for
special applications. Contact Tyco Electronics
Identification for more information.


Similar Part No. - HPTM1CR-500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPT ETC2-HPT Datasheet
925Kb / 14P
   CONTACTOR 60 AMP
logo
PREMO CORPORATION S.L
HPT-001 PREMO-HPT-001 Datasheet
122Kb / 1P
   High power planar transformers for HV systems
HPT-001 PREMO-HPT-001_14 Datasheet
121Kb / 1P
   High power planar transformers for HV systems
HPT-002 PREMO-HPT-002 Datasheet
122Kb / 1P
   High power planar transformers for HV systems
HPT-003 PREMO-HPT-003 Datasheet
122Kb / 1P
   High power planar transformers for HV systems
More results

Similar Description - HPTM1CR-500

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
E5530 TEMIC-E5530 Datasheet
72Kb / 5P
   128-Bit IDIC for Radio Frequency Identification
logo
EM Microelectronic - MA...
EM4223 EMMICRO-EM4223 Datasheet
426Kb / 29P
   Read-only UHF Radio Frequency Identification Device
logo
Texas Instruments
TRF7960 TI-TRF7960 Datasheet
354Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960 TI-TRF7960_07 Datasheet
278Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
logo
Microsemi Corporation
1N276 MICROSEMI-1N276 Datasheet
63Kb / 1P
   Optimized for Radio Frequency Response
1N277 MICROSEMI-1N277 Datasheet
63Kb / 1P
   Optimized for Radio Frequency Response
logo
ATMEL Corporation
U4256BM ATMEL-U4256BM Datasheet
167Kb / 14P
   Frequency Synthesizer for Radio Tuning
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
TEMIC Semiconductors
U4256BM TEMIC-U4256BM Datasheet
322Kb / 14P
   Frequency Synthesizer for Radio Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com