Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE10101 Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AE10101
Description  D-SUB CONNECTOR WATERPROOF
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AE10101 Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AE10101 Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2009 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
A-DF15LL-WP-R
D-Sub Connector Waterproof, Solder Cup Version,
Female, 15-Pin
Material:
• Waterproof Rate: IP67
• Connector: Black, Nylon + GF
• Pin: Copper Alloy, Gold Plated
• Applicable Wire Range: 22AWG - 26AWG
• Insulators: PBT
• Max Torque on hex stand off: 9.92LB
Electrical:
• Current Rating: 5A
• Dielectric voltage: 500V AC / 1 Minute
• Insulation resistance: >500M
Min.
• Operating Temperature: -40°C to +105°C
= Important Dimension


Similar Part No. - AE10101

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AE10100 ASSMANN-AE10100 Datasheet
350Kb / 1P
   WATERPROOF D-SUB CONNECTOR
AE10102 ASSMANN-AE10102 Datasheet
317Kb / 1P
   WATERPROOF D-SUB CONNECTOR
AE10103 ASSMANN-AE10103 Datasheet
86Kb / 1P
   WATERPROOF DSUB CONNECTOR
AE10104 ASSMANN-AE10104 Datasheet
85Kb / 1P
   WATERPROOF DSUB CONNECTOR
AE10105 ASSMANN-AE10105 Datasheet
350Kb / 1P
   WATERPROOF D-SUB CONNECTOR
More results

Similar Description - AE10101

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-DF25LL-WP-R ASSMANN-A-DF25LL-WP-R Datasheet
64Kb / 1P
   D-SUB CONNECTOR WATERPROOF
A-DFXXLL-WP-R ASSMANN-A-DFXXLL-WP-R Datasheet
317Kb / 1P
   WATERPROOF D-SUB CONNECTOR
A-DFXXAA-WP-R ASSMANN-A-DFXXAA-WP-R Datasheet
350Kb / 1P
   WATERPROOF D-SUB CONNECTOR
A-HDSXXLL-WP-R ASSMANN-A-HDSXXLL-WP-R Datasheet
315Kb / 1P
   WATERPROOF D-SUB CONNECTOR
logo
Adam Technologies, Inc.
DE09-PD-ESWP-30 ADAM-TECH-DE09-PD-ESWP-30 Datasheet
84Kb / 1P
   D-SUB WATERPROOF CONNECTOR
logo
Assmann Electronics Inc...
A-DF09LL-WP-R ASSMANN-A-DF09LL-WP-R Datasheet
63Kb / 1P
   D-SUB CONNECTOR WATERPROOF
A-HDF-26-PP-WP-R ASSMANN-A-HDF-26-PP-WP-R Datasheet
65Kb / 1P
   D-SUB WATERPROOF
A-DF09-HOOD-WP-R ASSMANN-A-DF09-HOOD-WP-R Datasheet
179Kb / 1P
   WATERPROOF D-SUB BACKSHELL
A-HDF15-HOOD-WP-R ASSMANN-A-HDF15-HOOD-WP-R Datasheet
303Kb / 1P
   WATERPROOF D-SUB BACKSHELL W/DB
logo
EDAC, All Rights Reserv...
628W11W1624-4N2 EDAC-628W11W1624-4N2 Datasheet
806Kb / 4P
   628WC Series,Vertical Combo D-Sub Connector | Waterproof | Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com