Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D04822-000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # D04822-000
Description  PolySwitch짰 PTC Devices
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D04822-000 Datasheet(HTML) 1 Page - Tyco Electronics

  D04822-000 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
308 Constitution Drive
Menlo Park, CA
94025-1164
Phone: 800-227-4856
www.circuitprotection.com
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: RTEF120
DOCUMENT:
SCD25188
PCN: D04822
REV LETTER: OBSOLETE(D)
REV DATE: OCTOBER 10, 2011
PAGE NO.: 1 OF 1
Specification Status: Released
Electrical Rating
Voltage:
33V MAX
Current:
40A MAX
Insulating Material:
Cured, Flame Retardant Epoxy Polymer
meets UL94 V-0 Requirements
Lead Material:
24 AWG Tin Plated Copper Clad Steel
Marking:
Manufacturer’s Mark
and Voltage
Lot Identification
Part Identification
TF120
(can be on back)
33
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
--
7.4
--
12.2
4.3
5.8
7.6
--
--
3.0
in*:
--
(0.29)
--
(0.48)
(0.17)
(0.23)
(0.30)
--
--
(0.12)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
I HOLD
RATED
CURRENT*
CURRENT
RATINGS
INITIAL
RESISTANCE
VALUES
TIME TO TRIP
R1 MAX
1 HR. POST
TRIP
RESISTANCE
STANDARD
TRIP
TRIPPED-
STATE
POWER
DISSIPATION
AMPS
AT 20C
AMPS
AT 20C
OHMS
AT 20C
SECONDS AT
20C, 6.0A
SECONDS
AT 20C
WATTS
AT 20C
HOLD
HOLD
TRIP
MIN
MAX
MAX
MAX
TYP
1.2
1.2
2.3
0.074
0.120
3.5
0.180
0.78
* Values specified were determined using PCB’s w/ 0.050 x 1oz Cu traces
Agency Recognitions:
UL, CSA, TUV
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
© 2005, 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company.
All rights reserved.


Similar Part No. - D04822-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D04814-000 MACOM-D04814-000 Datasheet
39Kb / 1P
   Overcurrent Protection Device
logo
Powerbox
D048C010T010M1N POWERBOX-D048C010T010M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
logo
Vicor Corporation
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
logo
Powerbox
D048C010T010M2N POWERBOX-D048C010T010M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C010T012M1N POWERBOX-D048C010T012M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
More results

Similar Description - D04822-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AGRF1100 MACOM-AGRF1100 Datasheet
101Kb / 2P
   PolySwitch짰 PTC Devices
LR4-260F MACOM-LR4-260F Datasheet
107Kb / 1P
   PolySwitch짰 PTC Devices
MINISMDC075 MACOM-MINISMDC075 Datasheet
54Kb / 1P
   PolySwitch짰 PTC Devices
SMD150 MACOM-SMD150 Datasheet
81Kb / 1P
   PolySwitch짰 PTC Devices
RHEF400 MACOM-RHEF400 Datasheet
87Kb / 1P
   PolySwitch짰 PTC Devices
SMD030 MACOM-SMD030 Datasheet
82Kb / 1P
   PolySwitch짰 PTC Devices
SMD125 MACOM-SMD125 Datasheet
82Kb / 1P
   PolySwitch짰 PTC Devices
SMD185F MACOM-SMD185F Datasheet
34Kb / 1P
   PolySwitch짰 PTC Devices
MICROSMD075F MACOM-MICROSMD075F Datasheet
33Kb / 1P
   PolySwitch짰 PTC Devices
RGEF1200 MACOM-RGEF1200 Datasheet
101Kb / 1P
   PolySwitch짰 PTC Devices
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com