Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

58441-001LF Datasheet(PDF) 2 Page - FCI connector

Part # 58441-001LF
Description  EYEMAX짰 4X HIGH-SPEED SERIAL I/O LINKS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

58441-001LF Datasheet(HTML) 2 Page - FCI connector

  58441-001LF Datasheet HTML 1Page - FCI connector 58441-001LF Datasheet HTML 2Page - FCI connector 58441-001LF Datasheet HTML 3Page - FCI connector 58441-001LF Datasheet HTML 4Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FEATURES & BENEFITS
Die-cast shells for enhanced EMI shielding
performance
Blind-mate keying features standardized
Custom paddle-card design for improved
crosstalk performance
Standardized 24 to 30 AWG cable offering
Eight fully-shielded, differential pairs
Impedance-controlled paddle card with capability
to upgrade for passive equalization
Cable assembly offering available with various
high-speed raw cable sources
Competitively-priced product
RoHS compliant
EYEMAX
® CABLE ASSEMBLIES
EYEMAX
® 4X HIGH-SPEED SERIAL I/O LINKS
Additional information can be found at www.fci.com/eyemax or www.fci.com/cableassembly
PART NUMBERS
CAPABILITY MATRIX FOR UNEQUALIZED CABLE ASSEMBLIES
Description
Base part number
4X EyeMax cable assembly, latching version
10007290
4X EyeMax cable assembly, thumbscrew version
10018960
www.fci.com
Wire size (AWG) for indicated cable length (in meters)
Industry
Standard
1m
2m
3m
4m
5m
6m
7m
8m
9m
10m
11m
12m
13m
Infiniband-SDR
30
30
30
28
26
24
AWG
AWG
AWG
AWG
AWG
AWG
Infiniband-DDR
30
28
24
AWG
AWG
AWG
10G Base-CX4
Ethernet
30
30
30
30
30
30
30
28
28
26
26
24
24
(IEEE 802.3ak)
AWG
AWG
AWG
AWG
AWG
AWG
AWG
AWG
AWG
AWG
AWG
AWG
AWG


Similar Part No. - 58441-001LF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
58449-1 TEC-58449-1 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
More results

Similar Description - 58441-001LF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08131 TI1-ADC08131_13 Datasheet
789Kb / 24P
[Old version datasheet]   8-Bit High-Speed Serial I/O A/D Converters
logo
MolexKits
76650-0006 MOLEXKITS-76650-0006 Datasheet
38Kb / 2P
   SMT High Speed I/O
logo
Samtec, Inc
ERC-019-01-02 SAMTEC-ERC-019-01-02 Datasheet
639Kb / 1P
   HIGH SPEED I/O SYSTEM
HDMR-29-01-S-SM-TR SAMTEC-HDMR-29-01-S-SM-TR Datasheet
334Kb / 1P
   HIGH SPEED I/O RECEPTACLES
HDMR1902SSM SAMTEC-HDMR1902SSM Datasheet
334Kb / 1P
   HIGH SPEED I/O RECEPTACLES
logo
List of Unclassifed Man...
USB-DIO32HS ETC-USB-DIO32HS Datasheet
847Kb / 4P
   High-Speed Digital I/O
April 2018. Rev 5
logo
Intersil Corporation
HSP43124 INTERSIL-HSP43124 Datasheet
144Kb / 17P
   Serial I/O Filter
logo
Renesas Technology Corp
HSP43124 RENESAS-HSP43124 Datasheet
604Kb / 18P
   Serial I/O Filter
April 18, 2007
logo
Contec Co., Ltd
CPS-COM-1PC CONTEC-CPS-COM-1PC Datasheet
514Kb / 2P
   Serial I/O Module
logo
Intersil Corporation
HSP43124 INTERSIL-HSP43124_07 Datasheet
525Kb / 18P
   Serial I/O Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com